Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CPSM Datasheet(PDF) 1 Page - Vishay Siliconix

Part # CPSM
Description  Wirewound Resistors, Commercial Power, Surface Mount
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

CPSM Datasheet(HTML) 1 Page - Vishay Siliconix

  CPSM Datasheet HTML 1Page - Vishay Siliconix CPSM Datasheet HTML 2Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
CPSM
Vishay Dale
www.vishay.com
112
Document Number 30106
Revision 07-Feb-02
For technical questions, contact ww2aresistors@vishay.com
Wirewound Resistors, Commercial Power, Surface Mount
FEATURES
• Direct mounting on printed circuit board
• High wattage capabilities, low board temperatures
• Meets or exceeds EIA-RS-344 requirements
• Special inorganic potting compound and ceramic case
provide high thermal conductivity in a fireproof package
• Superior surge capability
ORDERING INFORMATION
STANDARD ELECTRICAL SPECIFICATIONS
MODEL
POWER RATING
RESISTANCE RANGE
P40°C
Ω
W
± 5%, ± 10%
CPSM-3
3
0.1 - 1k
CPSM-5
5
0.1 - 1k
TECHNICAL SPECIFICATIONS
PARAMETER
UNIT
CPSM RESISTOR CHARACTERISTICS
Temperature Coefficient
ppm/
°C
± 600 below 1.0Ω,
± 300 1.0Ω and above
Short Time Overload
–
5 x rated power for 5 seconds
Operating Temperature
°C
- 65/+ 275
Dielectric Withstanding Voltage
VAC
1000
Maximum Working Voltage
V
(P x R)1/2
Weight (typical)
g
CPSM-3 = 5.5; CPSM-5 = 6.5
CPSM-5
100
Ω
5%
B31
MODEL
RESISTANCE
TOLERANCE
PACKAGING
Ω± %
B31 = Bulk Pack


Similar Part No. - CPSM

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
CPSM03 VISHAY-CPSM03 Datasheet
78Kb / 3P
Wirewound Resistors, Commercial Power, Surface Mount
22-Dec-11
CPSM05 VISHAY-CPSM05 Datasheet
78Kb / 3P
Wirewound Resistors, Commercial Power, Surface Mount
22-Dec-11
CPSM VISHAY-CPSM_12 Datasheet
78Kb / 3P
Wirewound Resistors, Commercial Power, Surface Mount
22-Dec-11
More results

Similar Description - CPSM

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
CPCL VISHAY-CPCL Datasheet
100Kb / 2P
Wirewound Resistors, Commercial Power, Vertical Mount
28-Aug-02
CP002M VISHAY-CP002M Datasheet
227Kb / 3P
Wirewound Resistors, Commercial Power, Surface Mount
05-Apr-11
CPSM VISHAY-CPSM_12 Datasheet
78Kb / 3P
Wirewound Resistors, Commercial Power, Surface Mount
22-Dec-11
logo
Bourns Electronic Solut...
PWR4525W7R50JE BOURNS-PWR4525W7R50JE Datasheet
212Kb / 2P
Surface Mount Wirewound Power Resistors
logo
Riedon Powertron
SSL RIEDON-SSL_14 Datasheet
215Kb / 2P
Surface Mount Wirewound Resistors
S4-10RF1 RIEDON-S4-10RF1 Datasheet
198Kb / 2P
Surface Mount Wirewound Resistors
S1-0R039J8 RIEDON-S1-0R039J8 Datasheet
205Kb / 2P
Surface Mount Wirewound Resistors
S3-0R005J8 RIEDON-S3-0R005J8 Datasheet
205Kb / 2P
Surface Mount Wirewound Resistors
S3-100RF1 RIEDON-S3-100RF1 Datasheet
205Kb / 2P
Surface Mount Wirewound Resistors
S5-100RJ2 RIEDON-S5-100RJ2 Datasheet
205Kb / 2P
Surface Mount Wirewound Resistors
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com