Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CPSM Datasheet(PDF) 2 Page - Vishay Siliconix

Part # CPSM
Description  Wirewound Resistors, Commercial Power, Surface Mount
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

CPSM Datasheet(HTML) 2 Page - Vishay Siliconix

  CPSM Datasheet HTML 1Page - Vishay Siliconix CPSM Datasheet HTML 2Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
www.vishay.com
113
CPSM
Vishay Dale
Document Number 30106
Revision 07-Feb-02
For technical questions, contact ww2aresistors@vishay.com
DIMENSIONS
W1
H
W
Element
Copper-nickel alloy or nickel-chrome alloy, depending on resistance value
Core
Woven fiberglass
Body
Steatite ceramic case with inorganic potting compound
Terminals
Tin/lead plated steel
Part Marking
DALE, Model, Wattage, Value, Tolerance, Date Code
Wirewound Resistors, Commercial Power, Surface Mount
MODEL
DIMENSIONS in inches [millimeters]
LW
L1
W1
H
± 0.032
± 0.031
± 0.062
+ 0.032
± 0.031
[0.813]
[0.787]
[1.57]
[0.813]
[0.787]
- 0.012
[0.305]
CPSM-3
0.906
0.374
0.480
0.287
0.374
[23.01]
[9.50]
[12.19]
[7.29]
[9.50]
CPSM-5
1.060
0.374
0.590
0.287
0.374
[26.92]
[9.50]
[14.99]
[7.29]
[9.50]
PERFORMANCE
TEST
CONDITIONS OF TEST
TEST LIMITS (EIA RS-344)
Thermal Shock
- 55
°C to + 165°C, 5 cycles, 30 minute dwell time
± (5.0% + 0.05Ω)∆R
Short Time Overload
5 x rated power for 5 seconds
± (4.0% + 0.05Ω)∆R
Dielectric Withstanding Voltage 1000Vrms for one minute
± (2.0% + 0.05Ω)∆R
Low Temperature Operation
- 65
°C, full rated working voltage for 45 minutes
± (3.0% + 0.05Ω)∆R
Humidity
75
°C, 90% - 100% RH, 240 hours
± (5.0% + 0.05Ω)∆R
Load Life
1000 hours at rated power, + 40
°C, 1.5 hours “ON”, 0.5 hours “OFF”
± (10.0% + 0.05Ω)∆R
Resistance to Solder Heat
+ 260
°C solder, 10-12 second dwell, 25mm/second emergence
± (4.0% + 0.05Ω)∆R
MODEL
SOLDER PAD DIMENSIONS in inches [millimeters]
ab
l
CPSM-3
0.420
0.340
0.380
[10.67]
[8.64]
[9.65]
CPSM-5
0.440
0.340
0.490
[11.18]
[8.64]
[12.45]
L
0.080
[2.03]
Maximum
0.020
± 0.005
[0.508
± 0.127]
Derating
120
100
80
60
40
20
0
-65
-25
25
75
125
175
225
275
Ambient Temperature in
°C
40
Temperature Rise
200
150
100
50
0
0
1.0
2.0
3.0
4.0
5.0
Power in W
CPSM-3
CPSM-5
L1
I
b
a
MATERIAL SPECIFICATIONS



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com