Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

US1AFL Datasheet(PDF) 3 Page - Rectron Semiconductor

Part # US1AFL
Description  VOLTAGE: 50 to 1000 Volts CURRENT: 1.0 Amperes
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RECTRON [Rectron Semiconductor]
Direct Link  http://www.rectron.com
Logo RECTRON - Rectron Semiconductor

US1AFL Datasheet(HTML) 3 Page - Rectron Semiconductor

  US1AFL Datasheet HTML 1Page - Rectron Semiconductor US1AFL Datasheet HTML 2Page - Rectron Semiconductor US1AFL Datasheet HTML 3Page - Rectron Semiconductor US1AFL Datasheet HTML 4Page - Rectron Semiconductor US1AFL Datasheet HTML 5Page - Rectron Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
MOUNTING PAD LAYOUT
SOD123F(L)
Unit:inch(mm)
ORDER INFORMATION
Packing information
T/R - 10K per 13" plastic Reel
T/R - 3K per 7" plastic Reel



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com