Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

US1AFL Datasheet(PDF) 1 Page - Rectron Semiconductor

Part # US1AFL
Description  VOLTAGE: 50 to 1000 Volts CURRENT: 1.0 Amperes
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RECTRON [Rectron Semiconductor]
Direct Link  http://www.rectron.com
Logo RECTRON - Rectron Semiconductor

US1AFL Datasheet(HTML) 1 Page - Rectron Semiconductor

  US1AFL Datasheet HTML 1Page - Rectron Semiconductor US1AFL Datasheet HTML 2Page - Rectron Semiconductor US1AFL Datasheet HTML 3Page - Rectron Semiconductor US1AFL Datasheet HTML 4Page - Rectron Semiconductor US1AFL Datasheet HTML 5Page - Rectron Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
SMALL SURFACE MOUNT ULTRAFAST DIODE
VOLTAGE: 50 to 1000 Volts CURRENT: 1.0 Amperes
SOD123F(L)
FEATURES
Low profile package
Ideal for automated placement
High temperature soldering : 260°C /10 seconds at terminals
Glass Passivated Chip Junction
Lead free in comply with EU RoHS 2011/65/EU directives.
Green molding compound as per IEC61249 Std.
(Halogen Free)
MECHANICAL DATA
Case: JEDEC SOD-123FL Molded plastic over passivated junction
Terminals: Solderable per MIL-STD-750, Method 2026
Approx. Weight: 0.0006 ounces, 0.0173 grams
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
Ratings at 25°C ambient temperature unless otherwise specified.
PARAMETER
SYMBOL
US1AFL
US1BFL
US1DFL
US1GFL
US1JFL
US1KFL
US1MFL
Units
Marking Code
UAL
UBL
UDL
UGL
UJL
UKL
UML
Maximum Recurrent Peak Reverse Voltage
VRRM
50
100
200
400
600
800
1000
Volts
Maximum RMS Voltage
VRMS
35
70
140
280
420
560
700
Volts
Maximum DC Blocking Voltage
VDC
50
100
200
400
600
800
1000
Volts
Maximum Average Forward Current (Note 1)
IF(AV)
1.0
Amp
Peak forward surge current 8.3ms single half
sine-wave @ TL=25
OC
IFSM
30
Amps
Maximum instantaneous forward
voltage
1.0A
@
VF
1.0
1.4
1.7
Volts
Maximum DC reverse current
at rated DC blocking voltage
TJ=25
O C
IR
1
uA
Reverse recovery time IF=0.5A, IR=1A,
Irr=0.25A
Trr
50
75
100
nS
Typical Junction capacitance @ 4V, 1MHz
CJ
9
pF
ELECTRICAL CHARACTERISTICS
Ratings at 25°C ambient temperature unless otherwise specified.
PARAMETER
SYMBOL
US1AFL
US1BFL
US1DFL
US1GFL
US1JFL
US1KFL
US1MFL
Units
Thermal resistance junction to ambient
R JA
180
°C/W
Operating and Storage temperature range
TJ,TSTG
-50 to +150
°C
NOTES:
1. Pulse test: 300u pulse width, 1% duty cycle.
2. Reverse Recovery Test Conditions: IF=0.5A, IR=1A, Irr=0.25A
US1AFL
U
R
H
T
US1MFL
2019-03/0X
REV:O


Similar Part No. - US1AFL

ManufacturerPart #DatasheetDescription
logo
Micro Commercial Compon...
US1AFL MCC-US1AFL Datasheet
356Kb / 4P
Features Halogen free available upon request by adding suffix "-HF"||" "573588
PHASE LOCKED LOOP
US1AFL MCC-US1AFL Datasheet
356Kb / 4P
1 Amp Ultra Fast Rectifier 50 to 1000 Volts
logo
SUNMATE electronic Co.,...
US1AFL SUNMATE-US1AFL Datasheet
308Kb / 2P
SURFACE MOUNT ULTRA FAST RECTIFIER DIODES
logo
Guangdong Huixin Electr...
US1AFL HUIXIN-US1AFL Datasheet
156Kb / 2P
1.0Amp Ultra Fast Recovery Surface Mounted Rectifiers
logo
Dongguan Pingjingsemi T...
US1AFL-PJ PJSEMI-US1AFL-PJ Datasheet
676Kb / 3P
SURFACE ULTRAFAST RECOVERY RECTIFIERS
More results

Similar Description - US1AFL

ManufacturerPart #DatasheetDescription
logo
DAESAN ELECTRONIC CORP.
HEM101 DAESAN-HEM101 Datasheet
251Kb / 2P
CURRENT 1.0 AMPERES VOLTAGE 50 TO 1000 VOLTS
R1A1 DAESAN-R1A1 Datasheet
193Kb / 2P
CURRENT 1.0 AMPERES VOLTAGE 50V TO 1000 VOLTS
R1A1G DAESAN-R1A1G Datasheet
203Kb / 2P
CURRENT 1.0 AMPERES VOLTAGE 50 TO 1000 VOLTS
SM101 DAESAN-SM101 Datasheet
232Kb / 2P
CURRENT 1.0 AMPERES VOLTAGE 50 TO 1000 VOLTS
KBJ6A DAESAN-KBJ6A Datasheet
231Kb / 2P
CURRENT 6.0 Amperes VOLTAGE 50 to 1000 Volts
KBL4005 DAESAN-KBL4005 Datasheet
178Kb / 2P
CURRENT 4.0 Amperes VOLTAGE 50 to 1000 Volts
KBPC10005 DAESAN-KBPC10005 Datasheet
239Kb / 2P
CURRENT 10.0 Amperes VOLTAGE 50 to 1000 Volts
FR151 DAESAN-FR151 Datasheet
216Kb / 2P
CURRENT 1.5 Amperes VOLTAGE 50 to 1000 Volts
RS101 DAESAN-RS101 Datasheet
255Kb / 2P
CURRENT 1.0 Amperes VOLTAGE 50 to 1000 Volts
logo
Kingtronics Internation...
1A1-1A7 KINGTRONICS-1A1-1A7 Datasheet
294Kb / 2P
1.0 AMP. SILICON RECTIFIERS Voltage Range 50 to 1000 Volts Current 1.0 Amperes
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com