Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADRF6780 Datasheet(PDF) 32 Page - Analog Devices

Part # ADRF6780
Description  5.9 GHz to 23.6 GHz, Wideband, Microwave Upconverter
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADRF6780 Datasheet(HTML) 32 Page - Analog Devices

Back Button ADRF6780 Datasheet HTML 27Page - Analog Devices ADRF6780 Datasheet HTML 28Page - Analog Devices ADRF6780 Datasheet HTML 29Page - Analog Devices ADRF6780 Datasheet HTML 30Page - Analog Devices ADRF6780 Datasheet HTML 31Page - Analog Devices ADRF6780 Datasheet HTML 32Page - Analog Devices ADRF6780 Datasheet HTML 33Page - Analog Devices ADRF6780 Datasheet HTML 34Page - Analog Devices ADRF6780 Datasheet HTML 35Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 32 / 35 page
background image
ADRF6780
Data Sheet
Rev. D | Page 32 of 35
BASIC CONNECTIONS FOR OPERATION
Figure 83 to Figure 85 show the basic connections for operating the ADRF6780 as it is implemented on the evaluation board of the device.
AGND
VPRF
AGND
RFON
AGND
RFOP
VDET
IFIN
IFIP
VP18
SDIN
SCLK
ADRF6780
AGND
RSTB
VPDT
VPBI
TBD0402
C0402
DNI
DNI
C0603
C0402
B3S1000
C0603
C0402
R0402
5.1K
C0603
TBD0402
C0402
DNI
33PF
4.7NF
R0402
DNI
0.1UF
TBD0402
0.1UF
4.7NF
33PF
C0402
DNI
TBD0402
C0402
TBD0402
C0402
DNI
33
0
33PF
TBD0402
C0402
DNI
R0402
100PF
C0402
DNI
TBD0603
TBD0402
DNI
10K
DNI
TBD0402
33PF
DNI
C0402
TBD0402
DNI
C0603
0.1UF
C0402
C0402
33PF
C0402
C0603
C0603
4.7NF
C0402
C0603
C0603
C0402
C0402
33PF
C0402
R0402
50
C0402
4.7NF
0
C0603
C0402
C0402
R0402
0.1UF
33
C0402
0.1UF
C0603
33PF
10K
R0603
C0402
R0402
50
R0402
50
0.1UF
C0402
TBD0603
0.1UF
R0402
33
33
C0402
50
R0402
R0603
69157-102
C0402
TBD0402
DNI
C0402
100PF
33PF
4.7NF
C0402
R0402
25-146-1000-92
4.7NF
C0402
10PF
DNI
TBD0402
R0402
C0402
4.7NF
4.7NF
C0603
0.1UF
TBD0603
C0402
25-146-1000-92
25-146-1000-92
C37
C27
C16
R5
C35
C34
C32
C30
C29
C25
C24
C21
C18
R9
R3
C20
C7
C14
R6
R1
DUT
C31
C17
C15
C39
R8
R23
R10
0
BBIN
C36
C13
C9
C3
RSTB
C2
C22
C40
C23
R7
R4
R2
C26
R24
R25
C28
BBQN
BBQP
BBIP
IFIN
C8
C4
C41
C5
IFIP
PWDN
C11
R26
C12
C38
C33
LOIP
LOIN
C10
C1
C19
C6
RFON
RFOP
3.3V_6780
6780_VATT
6780_MOSI
6780_CS
BBIN
BBIP
3.3V_6780
1.8V
6780_SCK
1.8V
BBQN
5V
5V
3.3V_6780
5V
PWDN
1.8V
BBQP
IFIN
IFIP
VDET
6780_RSTB
6780_MISO
LOIP
ALMB
3.3V_6780
LOIN
6780_RFON
6780_RFOP
4
2
24
23
2
1
4
6
18
7
2
20
1
8
1
3
1
1
1
1
5
1
1
21
19
22
3
5
17
2
3
4
5
2
3
4
5
4 3
2
5 4 3
2
5 4 3
2
5 4 3
2
1
1
1
1
AGND
AGND
AGND
AGND
AGND
AGND
AGND
AGND
AGND
AGND
AGND
AGND
AGND
AGND
AGND
AGND
AGND
AGND
AGND
AGND
AGND
AGND
AGND
AGND
AGND
AGND
AGND
AGND
AGND
AGND
AGND
AGND
NOTES
1. WHEN THE IF MODE IS SET, REMOVE THE 0Ω R10 TO R13 RESISTORS FROM THE IQ LINES.
AGND
AGND
AGND
AGND
R11
0
R12
0
R13
0
AGND
AGND
AGND
AGND
2
3
4
2
3
4
2
2
3
3
4
4
RED
REDRED
WHT
WHT
BLK
GRN
RED
BLK
3.3V_6780
GND2
1.8V
3.3V
5V
VATT
ALMB
VDET
GND1
5V
1.8V
ALMB
VDET
6780_VATT
3.3V_6780
3.3V
1
1
1
1
1
1
1
1
AGND
AGND
Figure 83. ADRF6780 Evaluation Board Schematic Page 1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com