Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADRF6780 Datasheet(PDF) 21 Page - Analog Devices

Part # ADRF6780
Description  5.9 GHz to 23.6 GHz, Wideband, Microwave Upconverter
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADRF6780 Datasheet(HTML) 21 Page - Analog Devices

Back Button ADRF6780 Datasheet HTML 17Page - Analog Devices ADRF6780 Datasheet HTML 18Page - Analog Devices ADRF6780 Datasheet HTML 19Page - Analog Devices ADRF6780 Datasheet HTML 20Page - Analog Devices ADRF6780 Datasheet HTML 21Page - Analog Devices ADRF6780 Datasheet HTML 22Page - Analog Devices ADRF6780 Datasheet HTML 23Page - Analog Devices ADRF6780 Datasheet HTML 24Page - Analog Devices ADRF6780 Datasheet HTML 25Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 35 page
background image
Data Sheet
ADRF6780
Rev. D | Page 21 of 35
THEORY OF OPERATION
The ADRF6780 is a wideband microwave upconverter optimized
for point to point microwave radio designs operating in the
5.9 GHz to 23.6 GHz frequency range. A functional block
diagram of the device is shown in Figure 1. The ADRF6780 is
programmed via an SPI.
BASEBAND
The input impedance of the basebands are high input impedance.
These inputs are designed to operate with a 0.5 V common-
mode voltage. These inputs are differentially terminated to a
100 Ω resistor using an off chip termination.
The linearity can be optimized by adding phase correction
signals to the current output via adjusting the I_PATH_PHASE_
ACCURACY register (Register 0x05, Bits[3:0]) and the Q_PATH_
PHASE_ACCURACY (Register 0x05, Bits[7:4]) register.
SINGLE SIDEBAND (SSB) UPCONVERSION
The IF input path can be fed anywhere from 0.8 GHz to 3.5 GHz.
The IF inputs path can be upconverted to 5.9 GHz to 23.6 GHz,
while suppressing the unwanted sideband by typically better than
25 dBc. The IF upconversion inputs are 100 Ω differential and
must be ac-coupled. In addition, the I/Q baseband input must stay
floating without any termination on their inputs.
LO INPUT PATH
The LO input path operates from 5.4 GHz to 14 GHz with a LO
amplitude range of −6 dBm to +6 dBm. It is built from two modes:
×1 mode (Register 0x03, Bit 2), which provides an LO output
frequency equal to the LO input frequency, and ×2 mode
(Register 0x03, Bit 3), which doubles the LO output frequency
from the LO input frequency. Note that, when enabling the LO
×2 mode (Register 0x03, Bit 3), the LO ×1 mode (Register 0x03,
Bit 2) must be disabled.
The LO path is designed to operate differentially. LOIP and
LOIN are the inputs to the LO path. It is recommended to
use the ADRF6780 with a LO differential input to achieve the
best performance.
Figure 67 shows a block diagram of the LO path.
×2
PPF
MUX
PPF
AMP1
LOIP
LOIN
Figure 67. LO Path Block Diagram
SERIAL PORT INTERFACE (SPI)
The SPI of the ADRF6780 allows the user to configure the device
for specific functions or operations via a 4-pin SPI port. This
interface provides users with added flexibility and customization.
The SPI consists of four control lines: SCLK, SDIN, SDTO,
and SEN.
The ADRF6780 protocol consists of a write/read bit followed by
six register address bits, 16 data bits, and a parity bit. Both the
address and data fields are organized MSB first and end with the
least significant bit (LSB). For a write, set the first bit to 0, and
for a read, set this bit to 1.
The write cycle sampling must be done on the rising edge. The
16 bits of the serial write data are shifted in, MSB to LSB. The
ADRF6780 input logic level for the write cycle supports an 1.8 V
interface.
For a read cycle, up to 16 bits of serial read data are shifted out,
MSB first. After the 16 bits of data shift out, the parity bit shifts
out. The output logic level for a read cycle is 1.8 V.
The parity bit always follows the direction of the data. If parity
is not used, the transmitting end transmits zero instead of parity.
The parity is odd, which means that the total number of ones
transmitted during a command, including the read/write bit,
the address bit, the data bit, and the parity bit, must be odd.
Table 5. Serial Port Register Timing
Parameter
Description
Min
Typ
Max
Unit
tDI, SETUP
Data to clock setup time
10
ns
tDI, HOLD
Data to clock hold time
10
ns
tCLK, HIGH
Clock high duration
40 to 60
%
tCLK, LOW
Clock low duration
40 to 60
%
tCLK, SEN_SETUP
Clock to SEN setup time
30
ns
tCLK, DOT
Clock to data out transition time
10
ns
tCLK, DOV
Clock to data out valid time
10
ns
tCLK, SEN_INACTIVE
Clock to SEN inactive
20
ns
t
SEN_INACTIVE
Inactive SEN (between two operations)
80
ns



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com