Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FSL136HR Datasheet(PDF) 8 Page - ON Semiconductor

Part # FSL136HR
Description  Green Mode Power Switch
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

FSL136HR Datasheet(HTML) 8 Page - ON Semiconductor

Back Button FSL136HR Datasheet HTML 4Page - ON Semiconductor FSL136HR Datasheet HTML 5Page - ON Semiconductor FSL136HR Datasheet HTML 6Page - ON Semiconductor FSL136HR Datasheet HTML 7Page - ON Semiconductor FSL136HR Datasheet HTML 8Page - ON Semiconductor FSL136HR Datasheet HTML 9Page - ON Semiconductor FSL136HR Datasheet HTML 10Page - ON Semiconductor FSL136HR Datasheet HTML 11Page - ON Semiconductor FSL136HR Datasheet HTML 12Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 15 page
background image
FSL136HR
www.onsemi.com
8
FUNCTIONAL DESCRIPTION
Startup
At startup, an internal high−voltage current source
supplies the internal bias and charges the external capacitor
(CA) connected with the VCC pin, as illustrated in Figure 14.
When VCC reaches the start voltage of 12 V, the power
switch begins switching and the internal high−voltage
current source is disabled. The power switch continues
normal switching operation and the power is provided from
the auxiliary transformer winding unless VCC goes below
the stop voltage of 8 V.
Figure 14. Startup Circuit
Oscillator Block
The oscillator frequency is set internally and the power
switch has a random frequency fluctuation function.
Fluctuation of the switching frequency of a switched power
supply can reduce EMI by spreading the energy over a wider
frequency range than the bandwidth measured by the EMI
test equipment. The amount of EMI reduction is directly
related to the range of the frequency variation. The range of
frequency variation is fixed internally; however, its
selection is randomly chosen by the combination of external
feedback voltage and internal free−running oscillator. This
randomly chosen switching frequency effectively spreads
the EMI noise nearby switching frequency and allows the
use of a cost− effective inductor instead of an AC input line
filter to satisfy the world−wide EMI requirements.
Figure 15. Frequency Fluctuation Waveform
Feedback Control
FSL136HR employs current−mode control, as shown in
Figure 16. An opto−coupler (such as the FOD817A) and
shunt regulator (such as the KA431) are typically used to
implement the feedback network. Comparing the feedback
voltage with the voltage across the RSENSE resistor makes it
possible to control the switching duty cycle. When the shunt
regulator reference pin voltage exceeds the internal
reference voltage of 2.5 V, the optocoupler LED current
increases, the feedback voltage VFB is pulled down, and the
duty cycle is reduced. This typically occurs when the input
voltage is increased or the output load is decreased.
Figure 16. Pulse−Width−Modulation Circuit
Leading−Edge Blanking (LEB)
At the instant the internal SENSEFET is turned on, the
primary−side capacitance and secondary−side rectifier
diode reverse recovery typically cause a high−current spike
through the SENSEFET. Excessive voltage across the
RSENSE resistor leads to incorrect feedback operation in the
current−mode PWM control. To counter this effect, the
power switch employs a leading−edge blanking (LEB)
circuit (see the Figure 16). This circuit inhibits the PWM
comparator for a short time (tLEB) after the SENSEFET is
turned on.
Protection Circuit
The power switch has several protective functions, such
as overload protection (OLP), over−voltage protection
(OVP), output−short protection (OSP), under−voltage
lockout (UVLO), abnormal over−current protection
(AOCP), and thermal shutdown (TSD). Because these
various protection circuits are fully integrated in the IC
without external components, the reliability is improved
without increasing cost. Once a fault condition occurs,
switching is terminated and the SENSEFET remains off.
This causes VCC to fall. When VCC reaches the UVLO stop
voltage, VSTOP (8 V), the protection is reset and the internal
high−voltage current source charges the VCC capacitor via
the VSTR pin. When VCC reaches the UVLO start voltage,
VSTART (12 V), the power switch resumes normal operation.
In this manner, the auto−restart can alternately enable and
disable the switching of the power SENSEFET until the
fault condition is eliminated.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com