Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FSL136HR Datasheet(PDF) 3 Page - ON Semiconductor

Part # FSL136HR
Description  Green Mode Power Switch
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

FSL136HR Datasheet(HTML) 3 Page - ON Semiconductor

  FSL136HR Datasheet HTML 1Page - ON Semiconductor FSL136HR Datasheet HTML 2Page - ON Semiconductor FSL136HR Datasheet HTML 3Page - ON Semiconductor FSL136HR Datasheet HTML 4Page - ON Semiconductor FSL136HR Datasheet HTML 5Page - ON Semiconductor FSL136HR Datasheet HTML 6Page - ON Semiconductor FSL136HR Datasheet HTML 7Page - ON Semiconductor FSL136HR Datasheet HTML 8Page - ON Semiconductor FSL136HR Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 15 page
background image
FSL136HR
www.onsemi.com
3
PIN CONFIGURATION
Figure 3. Pin Configuration
8−DIP
Drain
Drain
Drain
VSTR
VCC
VFB
IPK
GND
PIN DEFINITIONS
Pin No.
Name
Description
1
GND
Ground. SENSEFET source terminal on the primary side and internal control ground.
2
VCC
Positive Supply Voltage Input. Although connected to an auxiliary transformer winding, current is supplied from pin
5 (VSTR) via an internal switch during startup (see Figure 2). Once VCC reaches the UVLO upper threshold (12 V),
the internal startup switch opens and device power is supplied via the auxiliary transformer winding.
3
VFB
Feedback Voltage. The non−inverting input to the PWM comparator, it has a 0.4 mA current source connected inter-
nally, while a capacitor and opto−coupler are typically connected externally. There is a delay while charging external
capacitor CFB from 2.4 V to 6 V using an internal 5 mA current source. This delay prevents false triggering under tran-
sient conditions, but still allows the protection mechanism to operate under true overload conditions.
4
IPK
Peak Current Limit. Adjusts the peak current limit of the SENSEFET. The feedback 0.4 mA current source is divert-
ed to the parallel combination of an internal 6 kW resistor and any external resistor to GND on this pin to determine
the peak current limit.
5
VSTR
Startup. Connected to the rectified AC line voltage source. At startup, the internal switch supplies internal bias and
charges an external storage capacitor placed between the VCC pin and ground. Once VCC reaches 12 V, the internal
switch is opened.
6, 7, 8
Drain
Drain. Designed to connect directly to the primary lead of the transformer and capable of switching a maximum of
650 V. Minimizing the length of the trace connecting these pins to the transformer decreases leakage inductance.
ABSOLUTE MAXIMUM RATINGS (TJ = 25°C unless otherwise specified)
Symbol
Parameter
Min
Max
Unit
VSTR
VSTR Pin Voltage
−0.3
650
V
VDS
Drain Pin Voltage
−0.3
650
V
VCC
Supply Voltage
−
26
V
VFB
Feedback Voltage Range
−0.3
12.0
V
ID
Continuous Drain Current
−
3
A
IDM
Drain Current Pulsed (Note 4)
−
12
A
EAS
Single Pulsed Avalanche Energy (Note 5)
−
230
mJ
PD
Total Power Dissipation
−
1.5
W
TJ
Operating Junction Temperature
Internally Limited
°C
TA
Operating Ambient Temperature
−40
+150
°C
TSTG
Storage Temperature
−55
+150
°C
ESD
Human Body Model, JESD22−A114 (Note 6)
5.0
−
kV
Charged Device Model, JESD22−C101 (Note 6)
1.5
−



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com