Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

P90FG5R5SL Datasheet(PDF) 1 Page - Shindengen Electric Mfg.Co.Ltd

Part # P90FG5R5SL
Description  Power MOSFETs 55V, 90A, N-channel
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SHINDENGEN [Shindengen Electric Mfg.Co.Ltd]
Direct Link  http://www.shindengen.co.jp/
Logo SHINDENGEN - Shindengen Electric Mfg.Co.Ltd

P90FG5R5SL Datasheet(HTML) 1 Page - Shindengen Electric Mfg.Co.Ltd

  P90FG5R5SL Datasheet HTML 1Page - Shindengen Electric Mfg.Co.Ltd P90FG5R5SL Datasheet HTML 2Page - Shindengen Electric Mfg.Co.Ltd P90FG5R5SL Datasheet HTML 3Page - Shindengen Electric Mfg.Co.Ltd P90FG5R5SL Datasheet HTML 4Page - Shindengen Electric Mfg.Co.Ltd P90FG5R5SL Datasheet HTML 5Page - Shindengen Electric Mfg.Co.Ltd P90FG5R5SL Datasheet HTML 6Page - Shindengen Electric Mfg.Co.Ltd P90FG5R5SL Datasheet HTML 7Page - Shindengen Electric Mfg.Co.Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
P90FG5R5SL
Power MOSFETs
55V, 90A, N-channel
Feature
・N-channel
・SMD
・Low Ron
・4.5V Gate Drive
・Low Capacitance
・Pb free terminal
・RoHS:Yes
OUTLINE
Package (House Name): FG
Package (JEDEC Code): TO-263AB
Equivalent circuit
Absolute Maximum Ratings (unless otherwise specified : Tc=25℃)
Item
Symbol
Conditions
Ratings
Unit
Storage temperature
Tstg
-55 to 150
℃
Channel tempertature
Tch
150
℃
Drain-source voltage
V
55
V
Gate-source voltage
V
±20
V
Continuous drain current(DC)
I
90
A
Continuous drain current(Peak)
I
Pulse width 10μs, duty=1/100
360
A
Total power dissipation
P
128
W
Single avalanche current
I
Starting Tch=25℃ Tch≦150℃
52
A
Single avalanche energy
E
Starting Tch=25℃ Tch≦150℃
272
mJ
※︓See the original Specifications
DSS
GSS
D
DP
T
AS
AS
Shindengen Electric Manufacturing Co., Ltd.
1/7
P90FG5R5SL_Rev.01(2020.01)


Similar Part No. - P90FG5R5SL

ManufacturerPart #DatasheetDescription
logo
NIKO SEMICONDUCTOR CO.,...
P9006EDA NIKOSEM-P9006EDA Datasheet
216Kb / 4P
P-Channel Enhancement Mode Field Effect Transistor
logo
List of Unclassifed Man...
P9006EDG ETC2-P9006EDG Datasheet
289Kb / 5P
P-Channel Logic Level Enhancement
logo
VBsemi Electronics Co.,...
P9006EDG VBSEMI-P9006EDG Datasheet
985Kb / 8P
P-Channel 60-V (D-S) MOSFET
logo
Wuxi U-NIKC Semiconduct...
P9006ETF UNIKC-P9006ETF Datasheet
371Kb / 5P
P-Channel Enhancement Mode MOSFET
logo
NIKO SEMICONDUCTOR CO.,...
P9006EVA NIKOSEM-P9006EVA Datasheet
422Kb / 4P
P-Channel Logic Level Enhancement Mode Field Effect Transistor
More results

Similar Description - P90FG5R5SL

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
HRF3205 FAIRCHILD-HRF3205 Datasheet
191Kb / 9P
100A, 55V, 0.008 Ohm, N-Channel, Power MOSFETs
HUF75329G3 FAIRCHILD-HUF75329G3 Datasheet
252Kb / 10P
49A, 55V, 0.024 Ohm, N-Channel UltraFET Power MOSFETs
HUFA75307P3 FAIRCHILD-HUFA75307P3 Datasheet
217Kb / 10P
15A, 55V, 0.090 Ohm, N-Channel UltraFET Power MOSFETs
HUFA75321P3 FAIRCHILD-HUFA75321P3 Datasheet
234Kb / 10P
35A, 55V, 0.034 Ohm, N-Channel UltraFET Power MOSFETs
HUFA75332G3 FAIRCHILD-HUFA75332G3 Datasheet
271Kb / 10P
60A, 55V, 0.019 Ohm, N-Channel UltraFET Power MOSFETs
HUFA75345G3 FAIRCHILD-HUFA75345G3 Datasheet
579Kb / 10P
75A, 55V, 0.007 Ohm, N-Channel UltraFET Power MOSFETs
logo
Intersil Corporation
HRF3205 INTERSIL-HRF3205 Datasheet
82Kb / 8P
100A, 55V, 0.008 Ohm, N-Channel, Power MOSFETs
1999 06
HUF75309P3 INTERSIL-HUF75309P3 Datasheet
102Kb / 9P
19A, 55V, 0.070 Ohm, N-Channel UltraFET Power MOSFETs
June 1999
HUF75343G3 INTERSIL-HUF75343G3 Datasheet
98Kb / 9P
75A, 55V, 0.009 Ohm, N-Channel UltraFET Power MOSFETs
June 1999
logo
Shindengen Electric Mfg...
P94FG5R5SL SHINDENGEN-P94FG5R5SL Datasheet
1Mb / 7P
Power MOSFETs 55V, 94A, N-channel
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com