Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTHZ Datasheet(PDF) 3 Page - M-System Co.,Ltd.

Part # LTHZ
Description  Power Transducer Series LT-UNIT
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MSYSTEM [M-System Co.,Ltd.]
Direct Link  https://www.m-system.co.jp/
Logo MSYSTEM - M-System Co.,Ltd.

LTHZ Datasheet(HTML) 3 Page - M-System Co.,Ltd.

  LTHZ Datasheet HTML 1Page - M-System Co.,Ltd. LTHZ Datasheet HTML 2Page - M-System Co.,Ltd. LTHZ Datasheet HTML 3Page - M-System Co.,Ltd.  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
MODEL: LTHZ
LTHZ SPECIFICATIONS
ES-3361 Rev.12 Page 3/3
https://www.m-system.co.jp/
CONNECTION DIAGRAM
4
U(+)
V(–)
6
7
5
V
U
v
u
FUSE
VT
LOAD
SOURCE
1
2
*The transducer can be powered from the input voltage
when the voltage is sufficiently stable and meets within
the range of auxiliary power supply of the unit specified
in the data sheet/instruction manual.
+
–
OUTPUT
AUXILIARY POWER*
EXTERNAL DIMENSIONS & TERMINAL ASSIGNMENTS unit: mm [inch]
5
4
6
7
1
2
3
[4 (.16)]
143 (5.63)
DIN RAIL
35mm wide
8 (.31)
27 (1.06)
39 (1.54)
• When mounting, no extra space is needed between units.
2–M4 MTG HOLE
7–M4 SCREW
10 (.39)
3
(.12)
TERMINAL COVER (option /T)
Specifications are subject to change without notice.



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com