Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTHZ Datasheet(PDF) 2 Page - M-System Co.,Ltd.

Part # LTHZ
Description  Power Transducer Series LT-UNIT
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MSYSTEM [M-System Co.,Ltd.]
Direct Link  https://www.m-system.co.jp/
Logo MSYSTEM - M-System Co.,Ltd.

LTHZ Datasheet(HTML) 2 Page - M-System Co.,Ltd.

  LTHZ Datasheet HTML 1Page - M-System Co.,Ltd. LTHZ Datasheet HTML 2Page - M-System Co.,Ltd. LTHZ Datasheet HTML 3Page - M-System Co.,Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
MODEL: LTHZ
LTHZ SPECIFICATIONS
ES-3361 Rev.12 Page 2/3
https://www.m-system.co.jp/
Isolation: Input to output to auxiliary power
Computation: One-shot
Overrange output: Approx. -10 to +120 % at 1 – 5 V
Zero adjustment: -5 to +5 % (front)
Span adjustment: 95 to 105 % (front)
INPUT SPECIFICATIONS
Input burden: 1 VA
Overload capacity: 150 % of rating for 10 sec., 120 %
continuous
Operational range: 85 – 120 % of rating
OUTPUT SPECIFICATIONS
■ DC Current: 0 – 20 mA DC
Minimum span: 1 mA
Offset: Max. 1.5 times span
Load resistance: Output drive 10 V max.
■ DC Voltage: 0 – 12 V DC
Minimum span: 5 mV
Offset: Max. 1.5 times span
Load resistance: Output drive 1 mA max.; at ≥ 0.5 V
12
OUT
20mA
55
65 Hz
45
5
OUT
10V
4
0
55
65 Hz
45
■ OPERATION DIAGRAM (example)
Note: When there is no input voltage, the transducer outputs
as negative (–) overrange.
INSTALLATION
Power Consumption
•AC: Approx. 2 VA
•DC: Approx. 2 W (18 mA at 110 V)
Operating temperature: -10 to +55°C (14 to 131°F)
Operating humidity: 30 to 85 %RH (non-condensing)
Mounting: Surface or DIN rail
Weight: 400 g (0.88 lb)
PERFORMANCE in percentage of span
Accuracy: ±0.2 % (at 23°C ±10°C or 73.4°F ±18°F, 45 – 65
Hz)
Magnetic field (ext. origin) effect: ±0.2 % (400 A/m)
Response time: ≤ 1 sec. (0 – 100 % ±1 %)
Ripple: 0.5 %p-p max.
Line voltage effect: ±0.1 % over voltage range
Insulation resistance: ≥ 100 MΩ with 500 V DC
Dielectric strength: 2000 V AC @1 minute
(input to output to auxiliary power to ground)
Impulse withstand voltage: 1.2 / 50 μsec., ±5 kV
(input to output or ground)
STANDARDS & APPROVALS
EU conformity:
EMC Directive
EMI EN 61000-6-4
EMS EN 61000-6-2
Low Voltage Directive
EN 61010-1
Measurement Category II (input)
Installation Category II (auxiliary power)
Pollution Degree 2
Input to output or auxiliary power: Reinforced insulation
(550 V)
Output to auxiliary power: Reinforced insulation (300 V)
RoHS Directive



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com