Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LSMT4 Datasheet(PDF) 1 Page - M-System Co.,Ltd.

Part # LSMT4
Description  Power Transducer Series
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MSYSTEM [M-System Co.,Ltd.]
Direct Link  https://www.m-system.co.jp/
Logo MSYSTEM - M-System Co.,Ltd.

LSMT4 Datasheet(HTML) 1 Page - M-System Co.,Ltd.

  LSMT4 Datasheet HTML 1Page - M-System Co.,Ltd. LSMT4 Datasheet HTML 2Page - M-System Co.,Ltd. LSMT4 Datasheet HTML 3Page - M-System Co.,Ltd. LSMT4 Datasheet HTML 4Page - M-System Co.,Ltd. LSMT4 Datasheet HTML 5Page - M-System Co.,Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
MODEL: LSMT4
LSMT4 SPECIFICATIONS
ES-1957 Rev.6 Page 1/5
https://www.m-system.co.jp/
Power Transducer Series
MULTI POWER TRANSDUCER
Functions & Features
• Measures simultaneously several variables of a heavy-
current power system: current, voltage, active, reactive and
apparent power, active and reactive energy, power factor,
frequency, etc.
• Parameters are programmable using the front buttons or
the PC
• Displayed measurands are freely selectable
• Loop test output
• 10-point analog and 2-point energy pulse output
Typical Applications
• Multi-functional power measurement in electric device or
in switching boards.
125
(4.92)
mm (inch)
140
(5.51)
116
(4.57)
MODEL: LSMT4–[1][2][3]1–[4][5]
ORDERING INFORMATION
• Code number: LSMT4-[1][2][3]1-[4][5]
Specify a code from below for each of [1] through [5].
(e.g. LSMT4-12A1-AD4/Q)
• Specify the specification for option code /Q
(e.g. /C01)
• Non-specified orders will be shipped at default factory
settings (No. ESU-1957). However, the power suffix code
must be specified.
Measured variables can be reconfigured with front panel or
PC configurator software.
[1] CONFIGURATION
1: Single phase / 2-wire and 3-wire, 3-phase / 3-wire
2: Single phase / 2-wire and 3-wire,
3-phase / 3-wire and 4-wire
[2] INPUT
1: 480 V / 1 A AC
2: 480 V / 5 A AC
[3] OUTPUT
Current
A: 4 – 20 mA DC
Voltage
4: 0 – 10 V DC
5: 0 – 5 V DC
6: 1 – 5 V DC
DISCRETE OUTPUT
1: Do 2-point
[4] AUXILIARY POWER SUPPLY
AD4: universal
100 – 240 V AC (Operational range 85 – 264 V, 50 / 60 Hz) /
110 – 240 V DC (Operational range 99 – 264 V,
ripple 10 %p-p max)
DC Power
R: 24 V DC
(Operational voltage range 24 V ±10 %, ripple 10 %p-p max.)
V: 48 V DC
(Operational voltage range 48 V ± 10 % , ripple 10 % p-p max.)
[5] OPTIONS
blank: none
/Q: With options (specify the specification)
SPECIFICATIONS OF OPTION: Q
COATING (For the detail, refer to M-System's web site.)
/C01: Silicone coating
/C02: Polyurethane coating
/C03: Rubber coating
RELATED PRODUCTS
• PC configurator software (model: LSCFG)
Downloadable at M-System’s web site.
A dedicated cable is required to connect the module to the
PC. Please refer to the internet software download site or
the users manual for the PC configurator for applicable
cable types.
GENERAL SPECIFICATIONS
Construction: Stand-alone; terminal access at the front
Degree of protection: IP 20 (Terminal block, housing)
Connection
Voltage input: M4 screw terminals (torque 1.4 N·m)


Similar Part No. - LSMT4

ManufacturerPart #DatasheetDescription
logo
M-System Co.,Ltd.
LSMT MSYSTEM-LSMT Datasheet
98Kb / 4P
MULTI POWER TRANSDUCER
LSMT2 MSYSTEM-LSMT2 Datasheet
106Kb / 10P
MULTI POWER TRANSDUCER
LSMT2-10040-M MSYSTEM-LSMT2-10040-M Datasheet
106Kb / 10P
MULTI POWER TRANSDUCER
LSMT2-10040-P MSYSTEM-LSMT2-10040-P Datasheet
106Kb / 10P
MULTI POWER TRANSDUCER
LSMT2-10040-R MSYSTEM-LSMT2-10040-R Datasheet
106Kb / 10P
MULTI POWER TRANSDUCER
More results

Similar Description - LSMT4

ManufacturerPart #DatasheetDescription
logo
M-System Co.,Ltd.
53U MSYSTEM-53U Datasheet
489Kb / 9P
Power Transducer Series
54U MSYSTEM-54U Datasheet
476Kb / 10P
Power Transducer Series
54UC MSYSTEM-54UC Datasheet
360Kb / 8P
Power Transducer Series
54UL MSYSTEM-54UL Datasheet
353Kb / 8P
Power Transducer Series
L2PA MSYSTEM-L2PA Datasheet
104Kb / 3P
Power Transducer Series L-UNIT
L2PNA MSYSTEM-L2PNA Datasheet
107Kb / 3P
Power Transducer Series L-UNIT
L53U MSYSTEM-L53U Datasheet
341Kb / 9P
Power Transducer Series
LPNE MSYSTEM-LPNE Datasheet
104Kb / 2P
Power Transducer Series L-UNIT
LPAUN MSYSTEM-LPAUN Datasheet
111Kb / 3P
Power Transducer Series L-UNIT
LWTN MSYSTEM-LWTN Datasheet
146Kb / 5P
Power Transducer Series L-UNIT
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com