Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LSMT4 Datasheet(PDF) 2 Page - M-System Co.,Ltd.

Part # LSMT4
Description  Power Transducer Series
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MSYSTEM [M-System Co.,Ltd.]
Direct Link  https://www.m-system.co.jp/
Logo MSYSTEM - M-System Co.,Ltd.

LSMT4 Datasheet(HTML) 2 Page - M-System Co.,Ltd.

  LSMT4 Datasheet HTML 1Page - M-System Co.,Ltd. LSMT4 Datasheet HTML 2Page - M-System Co.,Ltd. LSMT4 Datasheet HTML 3Page - M-System Co.,Ltd. LSMT4 Datasheet HTML 4Page - M-System Co.,Ltd. LSMT4 Datasheet HTML 5Page - M-System Co.,Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
MODEL: LSMT4
LSMT4 SPECIFICATIONS
ES-1957 Rev.6 Page 2/5
https://www.m-system.co.jp/
Current input: M4 screw terminals (torque 1.4 N·m)
Output: M3.5 screw terminals (torque 0.6 N·m)
Power: M4 screw terminals (torque 1.4 N·m)
Configuration
Code 1: Single phase/2-wire and 3-wire, 3-phase/3- wire
balanced/unbalanced load
Code 2: Single phase/2-wire and 3-wire, 3-phase/3- wire
balanced/unbalanced load, 3-phase/4- wire
balanced/unbalanced load
Screw terminal: Nickel-plated steel
Housing material: Flame-resistant resin (black)
Isolation: Voltage input to current input to output signal to
discrete output 1 to discrete output 2 to auxiliary power
supply to FE
■ Measured variables
Voltage: 1 – N, 2 – N, 3 – N, 1 – 2, 2 – 3, 3 – 1
Current: 1, 2, 3, N
Active / reactive / apparent power: 1, 2, 3, Σ
Power factor: 1, 2, 3, Σ
Frequency
Active energy
Reactive energy
■ DISPLAY:
Red LED; for setting and monitoring; signed 5 digits
INPUT SPECIFICATIONS
Frequency: 50 / 60 Hz (45 – 65 Hz)
• Voltage Input
Rated voltage
Line-to-line (delta voltage): 480 V
Line-neutral (phase voltage): 277 V (single phase / 2-wire
and 3-wire)
Consumption VA: ≤ ULN2 / 300 kΩ / phase
Overload capacity: 200 % of rating for 10 sec., 120 %
continuous
Selectable primary voltage range: 50 – 400 000 V
• Current Input
Rated current: 1 A or 5 A
Consumption VA: ≤ I2 · 0.01 Ω / phase
Overload capacity: 4000 % of rating for 1 sec., 2000 % for
4 sec., 120 % continuous
Selectable primary current range: 1 – 20 000 A
Selectable primary power range: ≤ 2 G VA
Operational range
Voltage, current, apparent power: ≤ 120 % of the rating
Active / reactive power: -120 to +120 % of the rating
Frequency: 45 – 65 Hz
Power factor: -1 to +1
OUTPUT SPECIFICATIONS
■ DC Output
Load resistance (output range)
4 - 20 mA DC: ≤ 600 Ω
0 - 10 V DC: ≥ 5kΩ
0 - 5 V DC: ≥ 1kΩ
1 - 5 V DC: ≥ 1kΩ
■ Open Collector
Energy count output
Max. rated load: 130 V DC @ 50 mA
Continuous rated load: 130 V DC @ 30 mA
Saturation voltage: 1.5 V DC
When driving an inductive load, external contact protection
and noise quenching recommended.
INSTALLATION
Auxiliary Power
•AC: < 20 VA
•DC: < 9 W
Operating temperature: -10 to +55°C (14 to 131°F)
Operating humidity: 30 to 90 %RH (non-condensing)
Mounting: Surface or DIN rail
Weight: 700 g (1.5 lb)
PERFORMANCE in percentage of rating
Accuracy
(at 23°C ±10°C or 73.4°F ±18°F, 45 – 65 Hz)
Voltage: ±0.5 %
Percentage of 100 V at ≥ 1 V to < 100 V
Percentage of input voltage at ≥ 100 V
Current: ±0.5 %
Power: ±0.5 %
Percentage of the span of wattage as listed below
at < 100 V:
173.2 W (1 A) or 866 W (5 A) for 3 ph/3 w
100 W (1 A) or 500 W (5 A) for 1 ph/2 w
200 W (1 A) or 1000 W (5 A) for 1 ph/3 w
300 W (1 A) or 1500 W (5 A) for 3 ph/4 w
Percentage of the span of power based on input voltage and
rated current (1 A or 5 A) at ≥ 100 V
PF: ±0.5 %
Frequency: ±0.5 %
Energy: ±1 % (Load current 5 - 120 % PF 1; load current 10
- 120 % PF 0.5)
Response time: ≤ 1 sec. (0 – 99 %)
Insulation resistance: ≥ 100 MΩ with 500 V DC
Dielectric strength: 2000 V AC @ 1 minute
(Voltage input to current input to output signal to discrete
output 1 to discrete output 2 to auxiliary power to FE)



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com