Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LSMT2 Datasheet(PDF) 5 Page - M-System Co.,Ltd.

Part # LSMT2
Description  MULTI POWER TRANSDUCER
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MSYSTEM [M-System Co.,Ltd.]
Direct Link  https://www.m-system.co.jp/
Logo MSYSTEM - M-System Co.,Ltd.

LSMT2 Datasheet(HTML) 5 Page - M-System Co.,Ltd.

  LSMT2 Datasheet HTML 1Page - M-System Co.,Ltd. LSMT2 Datasheet HTML 2Page - M-System Co.,Ltd. LSMT2 Datasheet HTML 3Page - M-System Co.,Ltd. LSMT2 Datasheet HTML 4Page - M-System Co.,Ltd. LSMT2 Datasheet HTML 5Page - M-System Co.,Ltd. LSMT2 Datasheet HTML 6Page - M-System Co.,Ltd. LSMT2 Datasheet HTML 7Page - M-System Co.,Ltd. LSMT2 Datasheet HTML 8Page - M-System Co.,Ltd. LSMT2 Datasheet HTML 9Page - M-System Co.,Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 10 page
background image
ES-1954 Rev.6
MODEL
LSMT2-1
3-PHASE / 3-WIRE CONNECTION
MODEL & SUFFIX CODE SELECTION
LSMT2–1❑❑❑❑❑–❑
MODEL
CONFIGURATION
1 : 3-phase / 3-wire
VOLTAGE INPUT
0 :None
1 :110V AC
2 : 220V AC
CURRENT INPUT *1
0 :None
1 :1A AC
5 :5A AC
*1 : Alternative choice of V0 or current.
ZERO-PHASE VOLTAGE INPUT (V0) *1
0 :None
1 :110V AC
2 : 190V AC
DC OUTPUT
Current
A :4 – 20mA DC
G :0 – 1mA DC
PULSE / NETWORK OUTPUT
0 : None (with zero-phase voltage input selected)
1 :Watthours
M :Modbus
AUXILIARY POWER SUPPLY
AC Power
DC Power
M : 85 – 264V AC
R : 24V DC
V : 48V DC
P :110V DC
Voltage
4 :0 – 10V DC
5 :0 – 5V DC
6 :1 – 5V DC
ORDERING INFORMATION
Specify code number and variables (e.g. LSMT2-
1150A1-M). Use Ordering Information Sheet (No.
ESU-1954-1).
The unit is configured at the factory according to the
user's specifications, however, measuring items can be
freely selected and assigned to up to 10 output chan-
nels via the front panel control switches, except that
V0 : zero-phase voltage is available only when speci-
fied in ordering.
The measuring items are listed below:
A = Line current
V = Line voltage
W = Watt, active power var = var, reactive power
PF = Power factor
Hz = Frequency
V0 = Zero-phase voltage
RATING
RANGE
0 –
100W
-100 –
+100W
110V / 1A
0 –
150W
-150 –
+150W
0 – 166.6W
-166.6 – +166.6W
0 –
200W
-200 –
+200W
0 –
500W
-500 –
+500W
110V / 5A
0 –
750W
-750 –
+750W
0 –
833W
-833 –
+833W
0 – 1000W
-1000 – +1000W
0 –
200W
-200 –
+200W
220V / 1A
0 –
300W
-200 –
+200W
0 – 333.3W
-333.3 – +333.3W
0 –
400W
-400 –
+400W
0 – 1000W
-1000 – +1000W
220V / 5A
0 – 1500W
-1500 – +1500W
0 – 1666W
-1666 – +1666W
0 – 2000W
-2000 – +2000W
•Active power
Input range and ± can be changed via the front panel.
INPUT RANGE
•Voltage
•Current
RATING
RANGE
0 – lag 100 var lead 100 – lag 100 var
110V / 1A
0 – lag 150 var lead 150 – lag 150 var
0 – lag 166.6 var lead 166.6 – lag 166.6 var
0 – lag 200 var lead 200 – lag 200 var
0 – lag 500 var lead 500 – lag 500 var
110V / 5A
0 – lag 750 var lead 750 – lag 750 var
0 – lag 833 var lead 833 – lag 833 var
0 – lag 1000 var lead 1000 – lag 1000 var
0 – lag 200 var lead 200 – lag 200 var
220V / 1A
0 – lag 300 var lead 200 – lag 200 var
0 – lag 333.3 var lead 333.3 – lag 333.3 var
0 – lag 400 var lead 400 – lag 400 var
0 – lag 1000 var lead 1000 – lag 1000 var
220V / 5A
0 – lag 1500 var lead 1500 – lag 1500 var
0 – lag 1666 var lead 1666 – lag 1666 var
0 – lag 2000 var lead 2000 – lag 2000 var
•Reactive power
Input range and lag/lead can be changed via the front panel.
•Zero-phase voltage
RATING
RANGE
110V
0 – 150V
220V
0 – 300V
RATING
RANGE
1A
0 – 1A
5A
0 – 5A
RATING
RANGE
110V
0 – 150V
190V
0 – 260V
P. 5 / 10



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com