Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LSMT2 Datasheet(PDF) 7 Page - M-System Co.,Ltd.

Part # LSMT2
Description  MULTI POWER TRANSDUCER
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MSYSTEM [M-System Co.,Ltd.]
Direct Link  https://www.m-system.co.jp/
Logo MSYSTEM - M-System Co.,Ltd.

LSMT2 Datasheet(HTML) 7 Page - M-System Co.,Ltd.

Back Button LSMT2 Datasheet HTML 2Page - M-System Co.,Ltd. LSMT2 Datasheet HTML 3Page - M-System Co.,Ltd. LSMT2 Datasheet HTML 4Page - M-System Co.,Ltd. LSMT2 Datasheet HTML 5Page - M-System Co.,Ltd. LSMT2 Datasheet HTML 6Page - M-System Co.,Ltd. LSMT2 Datasheet HTML 7Page - M-System Co.,Ltd. LSMT2 Datasheet HTML 8Page - M-System Co.,Ltd. LSMT2 Datasheet HTML 9Page - M-System Co.,Ltd. LSMT2 Datasheet HTML 10Page - M-System Co.,Ltd.  
Zoom Inzoom in Zoom Outzoom out
 7 / 10 page
background image
ES-1954 Rev.6
MODEL
LSMT2-2
SINGLE-PHASE / 2-WIRE CONNECTION
MODEL & SUFFIX CODE SELECTION
LSMT2–2❑❑0❑❑–❑
MODEL
CONFIGURATION
2 : Single-phase / 2-wire
VOLTAGE INPUT
0 :None
1 :110V AC
2 : 220V AC
CURRENT INPUT
0 :None
1 :1A AC
5 :5A AC
ZERO-PHASE VOLTAGE INPUT (V0)
0 :None
DC OUTPUT
Current
A :4 – 20mA DC
G :0 – 1mA DC
PULSE / NETWORK OUTPUT
1 :Watthours
M :Modbus
AUXILIARY POWER SUPPLY
AC Power
DC Power
M : 85 – 264V AC
R : 24V DC
V : 48V DC
P :110V DC
Voltage
4 :0 – 10V DC
5 :0 – 5V DC
6 :1 – 5V DC
ORDERING INFORMATION
Specify code number and variables (e.g. LSMT2-
2150A1-M). Use Ordering Information Sheet (No.
ESU-1954-2).
The unit is configured at the factory according to the
user's specifications, however, measuring items can be
freely selected and assigned to up to 10 output chan-
nels via the front panel control switches.
The measuring items are listed below:
A = Line current
V = Line voltage
W = Watt, active power
PF = Power factor
Hz = Frequency
RATING
RANGE
0 –
50W
-50 –
+50W
110V / 1A
0 –
75W
-75 –
+75W
0 – 83.3W
-83.3 – +83.3W
0 –
100W
-100 –
+100W
0 –
250W
-250 –
+250W
110V / 5A
0 –
375W
-375 –
+375W
0 –
417W
-417 –
+417W
0 –
500W
-500 –
+500W
0 –
100W
-100 –
+100W
220V / 1A
0 –
150W
-150 –
+150W
0 – 166.6W
-166.6 – +166.6W
0 –
200W
-200 –
+200W
0 –
500W
-500 –
+500W
220V / 5A
0 –
750W
-750 –
+750W
0 –
833W
-833 –
+833W
0 – 1000W
-1000 – +1000W
•Active power
Input range and ± can be changed via the front panel.
INPUT RANGE
•Voltage
•Current
RATING
RANGE
110V
0 – 150V
220V
0 – 300V
RATING
RANGE
1A
0 – 1A
5A
0 – 5A
Power factor: lead 0.5 – 1 – lag 0.5
lag 0.5 – 1 – lead 0.5
lead 0 – 1 – lag 0
lag 0 – 1 – lead 0
Input range and lag/lead can be changed via the front panel.
Frequency: 45 – 55 Hz, 55 – 65 Hz, 45 – 65 Hz
Input range can be changed via the front panel.
Watthours
Ratio:110V – 77kV at the VT primary
5 – 8000A at the CT primary
Pulse unit: 0.01, 0.1, 1, 10, 100, 1000 kWh/pulse
CONNECTION DIAGRAM, INPUT
1
P1
2
P2
3
4
5
1S
6
1L
CT
2
1
SOURCE
LOAD
VT
U
u
V
v
K
k
7
8
9
10
A
V
P. 7 / 10



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com