Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LECA Datasheet(PDF) 1 Page - M-System Co.,Ltd.

Part # LECA
Description  Power Transducer Series L-UNIT
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MSYSTEM [M-System Co.,Ltd.]
Direct Link  https://www.m-system.co.jp/
Logo MSYSTEM - M-System Co.,Ltd.

LECA Datasheet(HTML) 1 Page - M-System Co.,Ltd.

  LECA Datasheet HTML 1Page - M-System Co.,Ltd. LECA Datasheet HTML 2Page - M-System Co.,Ltd. LECA Datasheet HTML 3Page - M-System Co.,Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
MODEL: LECA
http://www.m-system.co.jp/
LECA SPECIFICATIONS
ES-1945 Rev.1 Page 1/3
Power Transducer Series L-UNIT
CT TRANSDUCER
(super-miniature size; self-powered, average sensing, RMS
calibrated)
Functions & Features
• Converting an alternating current from a current
transformer into a standard process signal
• Minimum ripple
• No auxiliary power source required
• Isolation up to 2000 V AC
• High-density mounting
Typical Applications
• Centralized monitoring and control of motors, pumps or
heaters by DCS
• Monitoring power line and power supply current
51 (2.01)
44
(1.73)
80 (3.15)
mm
(inch)
MODEL: LECA–[1][2][3][4]
ORDERING INFORMATION
• Code number: LECA -[1][2][3][4]
Specify a code from below for each [1] through [4].
(e.g. LECA-51G/Q)
• Load resistance (e.g. 160 Ω)
• Specify the specification for option code /Q
(e.g. /C01/S01)
[1] INPUT
Current
1: 0 – 1 A AC
5: 0 – 5 A AC
[2] FREQUENCY
1: 50 Hz
2: 60 Hz
[3] OUTPUT
Current
G: 0 – 1 mA DC
Voltage
4: 0 – 10 V DC
5: 0 – 5 V DC
[4] OPTIONS
blank: none
/Q: With options (specify the specification)
SPECIFICATIONS OF OPTION: Q (multiple selections)
COATING (For the detail, refer to M-System's web site.)
/C01: Silicone coating
/C02: Polyurethane coating
/C03: Rubber coating
TERMINAL SCREW MATERIAL
/S01: Stainless steel
GENERAL SPECIFICATIONS
Construction: Stand-alone; terminal access at the front
Connection: M4 screw terminals (torque 1.2 N·m)
Screw terminal: Nickel-plated brass (standard) or stainless
steel
Housing material: Flame-resistant resin (black)
Isolation: Input to output
Input waveform: Sine wave
Overrange output: 0 to 120 %
Span adjustment: 95 to 105 % (front)
INPUT SPECIFICATIONS
Frequency: 50 or 60 Hz
Input burden: 1 VA
Overload capacity: 1000 % of rating for 3 sec., 200 % of
rating for 10sec., 120 % continuous
Operational range: 0 – 120 % of rating
OUTPUT SPECIFICATIONS
■ DC Current
Load resistance
(Output Range) 0 - 1 mA DC: ≤ 5000 Ω
■ DC Voltage
Load resistance
(Output Range) 0 - 10 V DC: ≥ 100 kΩ
0 - 5 V DC: ≥ 50 kΩ


Similar Part No. - LECA

ManufacturerPart #DatasheetDescription
logo
Littelfuse
LEC LITTELFUSE-LEC Datasheet
642Kb / 4P
In-Line Watertight Fuse Holders
logo
List of Unclassifed Man...
LEC-2026 ETC2-LEC-2026 Datasheet
279Kb / 2P
Fanless Industrial PC with Dual Core Intel Atom N270
LEC-2050 ETC2-LEC-2050 Datasheet
375Kb / 2P
Rugged Computer with Intel짰 Atom??N270
LEC-2055 ETC2-LEC-2055 Datasheet
518Kb / 2P
Small Form Factor Computer with Intel짰 Atom??N270
LEC-2110E ETC2-LEC-2110E Datasheet
249Kb / 2P
Fanless Industrial PC w/ Dual Core Intel Atom D525 1.8GHz CPU
More results

Similar Description - LECA

ManufacturerPart #DatasheetDescription
logo
M-System Co.,Ltd.
L2CE MSYSTEM-L2CE Datasheet
102Kb / 3P
Power Transducer Series L-UNIT
L2PA MSYSTEM-L2PA Datasheet
104Kb / 3P
Power Transducer Series L-UNIT
L2PNA MSYSTEM-L2PNA Datasheet
107Kb / 3P
Power Transducer Series L-UNIT
LCNA MSYSTEM-LCNA Datasheet
104Kb / 2P
Power Transducer Series L-UNIT
LDPE MSYSTEM-LDPE Datasheet
109Kb / 3P
Power Transducer Series L-UNIT
LPNE MSYSTEM-LPNE Datasheet
104Kb / 2P
Power Transducer Series L-UNIT
LPE MSYSTEM-LPE Datasheet
104Kb / 3P
Power Transducer Series L-UNIT
LPCE MSYSTEM-LPCE Datasheet
113Kb / 3P
Power Transducer Series L-UNIT
LPAUN MSYSTEM-LPAUN Datasheet
111Kb / 3P
Power Transducer Series L-UNIT
LWTN MSYSTEM-LWTN Datasheet
146Kb / 5P
Power Transducer Series L-UNIT
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com