Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LECA Datasheet(PDF) 2 Page - M-System Co.,Ltd.

Part # LECA
Description  Power Transducer Series L-UNIT
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MSYSTEM [M-System Co.,Ltd.]
Direct Link  https://www.m-system.co.jp/
Logo MSYSTEM - M-System Co.,Ltd.

LECA Datasheet(HTML) 2 Page - M-System Co.,Ltd.

  LECA Datasheet HTML 1Page - M-System Co.,Ltd. LECA Datasheet HTML 2Page - M-System Co.,Ltd. LECA Datasheet HTML 3Page - M-System Co.,Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
MODEL: LECA
http://www.m-system.co.jp/
LECA SPECIFICATIONS
ES-1945 Rev.1 Page 2/3
2.5
5A
0
5
0
10
Output V
Input
■ OPERATION DIAGRAM (example)
2.5
5A
0.5
0
1
Output mA
Input
0
INSTALLATION
Operating temperature: -10 to +55°C (14 to 131°F)
Operating humidity: 30 to 85 %RH (non-condensing)
Mounting: Surface or DIN rail
Weight: 170 g (0.37 lb)
PERFORMANCE in percentage of span
Accuracy: ±0.5 % (at 23°C ±10°C or 73.4°F ±18°F, at rated
frequency ±5 %)
Response time: ≤ 2 sec. (0 – 100 % ±1 %)
Ripple: 1 %p-p max.
Insulation resistance: ≥ 100 MΩ with 500 V DC
Dielectric strength: 2000 V AC @1 minute
(input to output to ground)
Impulse withstand voltage: 1.2 / 50 μsec., ±5 kV
(input to output or ground)
CONNECTION DIAGRAM
+
–
OUTPUT
3
4
LOAD
SOURCE
k
l
CT
L
K
1
2
EXTERNAL DIMENSIONS & TERMINAL ASSIGNMENTS unit: mm (inch)
4-M4 Screw
Span Adj.
2
1
4
3
44 (1.73)
33
(1.30)
51 (2.01)
5 (.20)
When mounting, no extra
space is needed between units.



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com