Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LK1-3-R Datasheet(PDF) 1 Page - M-System Co.,Ltd.

Part # LK1-3-R
Description  TRANSMISSION LEVEL CONVERTER
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MSYSTEM [M-System Co.,Ltd.]
Direct Link  https://www.m-system.co.jp/
Logo MSYSTEM - M-System Co.,Ltd.

LK1-3-R Datasheet(HTML) 1 Page - M-System Co.,Ltd.

  LK1-3-R Datasheet HTML 1Page - M-System Co.,Ltd. LK1-3-R Datasheet HTML 2Page - M-System Co.,Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
MODEL: LK1
LK1 SPECIFICATIONS
ES-6981 Rev.10 Page 1/2
http://www.m-system.co.jp/
TRANSMISSION LEVEL CONVERTER
(NestBus/RS-232-C, RS-485/RS-232-C)
Functions & Features
• Bi-directional RS-232-C / RS-485 signal converter
• Suitable for applications that interface RS-232-C and RS-
485
• Permits a computer to communicate with an MuNet or
NestBus (RS-485)
75
(2.95)
112
(4.41)
75
(2.95)
mm (inch)
MODEL: LK1-[1]-[2]
ORDERING INFORMATION
• Code number: LK1-[1]-[2]
Specify a code from below for each [1] and [2].
(e.g. LK1-6-K)
[1] TRANSMISSION SPEED
1: 300 bps
2: 600 bps
3: 1200 bps
4: 2400 bps
5: 4800 bps
6: 9600 bps
7: 19200 bps
8: 38400 bps
[2] POWER INPUT
AC Power
K: 85 – 132 V AC
(Operational voltage range 85 – 132 V, 44 – 66 Hz)
DC Power
R: 24 V DC
(Operational voltage range 24 V ±10 %, ripple 10 %p-p max.)
RELATED PRODUCTS
• Communication Controller (model: 25CU)
• MsysNet series NestBus related products
GENERAL SPECIFICATIONS
Construction: Stand-alone; terminal access at the front
Connection
RS-232-C: 25-pin D-sub connector (female)
(M2.6 x 0.45 connector screw)
RS-485, power input: M3.5 screw terminals (torque 0.8
N·m)
Screw terminal: Nickel-plated steel
Housing material: Flame-resistant resin (black)
Isolation: Transmission to power
COMMUNICATION
Communication: Half-duplex, asynchronous, no procedure
■ RS-232-C
Standard: Conforms to RS-232-C, EIA
Transmission distance: 10 meters max.
Cable: straight cable
■ RS-485
Standard: Conforms to TIA/EIA–485–A
Transmission distance: 500 meters max.
Transmission media: Shielded twisted-pair cable (CPEV-S
0.9 dia.)
INSTALLATION
Power consumption
•AC: Approx. 5 VA
•DC: Approx. 30 mA
Operating temperature: -5 to +55°C (23 to 131°F)
Operating humidity: 30 to 90 %RH (non-condensing)
Mounting: Surface or DIN rail
Weight: 300 g (0.66 lb)
PERFORMANCE
Insulation resistance: ≥ 100 MΩ with 500 V DC
Dielectric strength: 500 V AC @ 1 minute (transmission to
power to ground)


Similar Part No. - LK1-3-R

ManufacturerPart #DatasheetDescription
logo
Dialight Corporation
LK1-C1-CW DIALIGHT-LK1-C1-CW Datasheet
248Kb / 2P
LINKLED LED LIGHT ENGINES
LK1-C1-NW DIALIGHT-LK1-C1-NW Datasheet
248Kb / 2P
LINKLED LED LIGHT ENGINES
LK1-C1-WW DIALIGHT-LK1-C1-WW Datasheet
248Kb / 2P
LINKLED LED LIGHT ENGINES
More results

Similar Description - LK1-3-R

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
MM74HC4049 FAIRCHILD-MM74HC4049 Datasheet
69Kb / 6P
Hex Inverting Logic Level Down Converter . Hex Logic Level Down Converter
logo
Unisonic Technologies
TEA1110A UTC-TEA1110A Datasheet
249Kb / 9P
LOW VOLTAGE VERSATILE TELEPHONE TRANSMISSION TELEPHONE TRANSMISSION INTERFACE
logo
NXP Semiconductors
PN511 NXP-PN511 Datasheet
627Kb / 22P
Transmission Module
Rev. 3.3-13 June 2007
logo
List of Unclassifed Man...
AB46 ETC2-AB46 Datasheet
125Kb / 6P
Transmission Engineering Data
logo
Bothhand USA, LP.
S5601 BOTHHAND-S5601 Datasheet
27Kb / 1P
DIGITAL TRANSMISSION TRASFORMER
logo
List of Unclassifed Man...
PD3001 ETC2-PD3001 Datasheet
526Kb / 2P
Data Transmission Cable
logo
SICK AG
ISD300-1111 SICK-ISD300-1111 Datasheet
1Mb / 6P
OPTICAL DATA TRANSMISSION
2016-05-02
ISD300-6212 SICK-ISD300-6212 Datasheet
1Mb / 6P
OPTICAL DATA TRANSMISSION
2016-05-02
ISD400-6111 SICK-ISD400-6111 Datasheet
572Kb / 5P
OPTICAL DATA TRANSMISSION
2016-05-02
logo
M-System Co.,Ltd.
CND MSYSTEM-CND Datasheet
302Kb / 7P
Multiplex Transmission System
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com