Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LSMT4-22A1-R Datasheet(PDF) 4 Page - M-System Co.,Ltd.

Part # LSMT4-22A1-R
Description  Power Transducer Series
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MSYSTEM [M-System Co.,Ltd.]
Direct Link  https://www.m-system.co.jp/
Logo MSYSTEM - M-System Co.,Ltd.

LSMT4-22A1-R Datasheet(HTML) 4 Page - M-System Co.,Ltd.

  LSMT4-22A1-R Datasheet HTML 1Page - M-System Co.,Ltd. LSMT4-22A1-R Datasheet HTML 2Page - M-System Co.,Ltd. LSMT4-22A1-R Datasheet HTML 3Page - M-System Co.,Ltd. LSMT4-22A1-R Datasheet HTML 4Page - M-System Co.,Ltd. LSMT4-22A1-R Datasheet HTML 5Page - M-System Co.,Ltd.  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
MODEL: LSMT4
LSMT4 SPECIFICATIONS
ES-1957 Rev.6 Page 4/5
https://www.m-system.co.jp/
TERMINAL CONNECTIONS
Note: In order to improve EMC performance, bond the FE terminal to ground.
Caution: FE terminal is NOT a protective conductor terminal.
POWER
U(+)
V()
FE
CONTACT OUTPUT 1
ANALOG OUTPUT 1
CH1+
CH1
CH10+
CH10
CH11+
CH11
CH12+
CH12
JACK
CONFIGURATOR
Power Input Terminals
Input Terminals
Output Terminals
■ TERMINAL ASSIGNMENT
■ ELECTRICAL CONNECTION
.
.
.
.
ANALOG OUTPUT 10
CONTACT OUTPUT 2
P1 N P3 1S 1L 3S 3L
L1
source
load
N
L2
u
v
v
u
U
V
V
U
k
l
K
L k
l
K
L
P1 N P3 1S 1L 3S 3L
L1
source
load
N
L2
k
l
K
L k
l
K
L
P1 N P3 1S 1L 3S 3L
L1
source
load
N
L2
P1 P2 P3 1S 1L
L1
source
load
L2
L3
u
v
v
u
U
V
V
U
k
l
K
L
P1 P2 P3 1S 1L
L1
source
load
L2
L3
P1 P2 P3 1S 1L 3S 3L
L1
source
load
L2
L3
u
v
v
u
U
V
V
U
k
l
K
L k
l
K
L
P1 P2 P3 1S 1L 3S 3L
L1
source
load
L2
L3
k
l
K
L k
l
K
L
P1 P2 P3 1S 1L 3S 3L
L1
source
load
L2
L3
k
l
K
L
P1 P2 P3 1S 1L
L1
source
load
L2
L3
P1 N
1S 1L
L1
source
load
N
k
l
K
L
u
v
U
V
P1 N
1S 1L
L1
source
load
N
k
l
K
L
P1 N
1S 1L
L1
source
load
N
System /
Application
Single phase /
2-wire
3-phase /
3-wire,
balanced load
Single phase /
3-wire
Terminal
1S 1L
3S 3L
L1
source
load
L2
L3
k
l
P1
u v
U V
P2
u v
U V
P3
u v
U V
N
K
L
k
l
K
L
P1
P2
P3
1S 1L
3S 3L
N
L1
source
load
L2
L3
k
l
K
L
k
l
K
L
2S 2L
k
l
K
L
P1
P2
P3
1S 1L
3S 3L
N
2S 2L
L1
source
load
L2
L3
N
N
N
2S 2L
k
l
K
L
P1 N
1S 1L
L1
source
load
L2
k
l
K
L
u
v
U
V
P1 N
1S 1L
L1
source
load
L2
L3
N
k
l
K
L
P1 N
1S 1L
L1
source
load
L2
L3
L3
N
N
System /
Application
3-phase /
4-wire,
balanced load
3-phase /
3-wire,
unbalanced load
3-phase /
4-wire,
unbalanced load
Terminal



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com