Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

R6SC Datasheet(PDF) 2 Page - Lanner All Rights Reserved.

Part # R6SC
Description  Fanless Rolling Stock Computer with Intel짰 Core??i7-7600U Processor
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LANNER [Lanner All Rights Reserved.]
Direct Link  http://www.lannerinc.com/
Logo LANNER - Lanner All Rights Reserved.

R6SC Datasheet(HTML) 2 Page - Lanner All Rights Reserved.

  R6SC Datasheet HTML 1Page - Lanner All Rights Reserved. R6SC Datasheet HTML 2Page - Lanner All Rights Reserved.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
© Lanner Electronics Inc. All rights reserved.
All product specifications are subject to change without notice.
contact@lannerinc.com | www.lannerinc.com
Product I/O View
Dimensions R6S: 272.4 x 121.3 x 230 mm
IR-RPB6SA1A / IR-RPB6SB1A / IR-RPB6SB1B: 143.8 x 53.4 x 230 mm
V8-2020.12.25
A
B
C
Wall mount kit
Swappable Drive Bay
Antenna Hole
F
PoE x 10
E DC output
D DC Input
G
COM x 2
H DVI / VGA
A
B
C
H
E
D
F
G
R6SA
Intel Core i7-7600U Processor, 2x miniPCIe socket with dual SIM, DC 32~96V power input
R6SB
Intel Core i7-7600U Processor, 1x miniPCIe socket, 4x M.2 with single SIM each, DC 24~36V power input
R6SC
Intel Core i7-7600U Processor, 1x miniPCIe socket, 4x M.2 with single SIM each, DC 72~110V power input
Ordering Information
A0X
10
11
12
13
14
15
16
17
18
19
20
O
N
1
272.4
8
4
288.2
307
MARK DATE REV
DESCRIPTION
APPROVED
PART
NAME
OUTTER DIAMENSION
MODEL
R6SA
PART NO
EXAMINED
MATERIAL
UNIT
SCALE
PERSPECTIVE
FILE NAME
R6SA-OUTDIM
THICKNESS
mm 1.000
VERSION
0.1
DATE Nov-30-18
DESIGNED
COATING
CLASSIFICATION
SIZE
SHEET
REDDING PAINTING
2
A0X
1/1
TOL
RANGE
A
B
C
D
E
0~6
0.02
0.05
0.1
0.2
0.15
>6~30
0.03
0.1
0.15
0.3
0.15
>30~80
0.04
0.13
0.18
0.4
0.2
>80~150
0.05
0.15
0.2
0.5
0.2
>150~400
0.09
0.25
0.35
0.7
0.25
>400
0.12
0.35
0.5
1.0
0.35
ANGLE
0 - 30
0.1
>30 - 60
0.3
>60 - 90
0.5
5
1
P
O
N
2
3
4
M
L
J
K
I
6
7
8
9
5
F
H
G
E
D
A
C
B
1
2
3
4
6
7
8
9
10
11
12
M
L
J
K
I
13
14
15
16
17
18
19
F
H
G
E
D
20
21
22
23
A
C
B
24



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com