Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

R6SC Datasheet(PDF) 1 Page - Lanner All Rights Reserved.

Part # R6SC
Description  Fanless Rolling Stock Computer with Intel짰 Core??i7-7600U Processor
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LANNER [Lanner All Rights Reserved.]
Direct Link  http://www.lannerinc.com/
Logo LANNER - Lanner All Rights Reserved.

R6SC Datasheet(HTML) 1 Page - Lanner All Rights Reserved.

  R6SC Datasheet HTML 1Page - Lanner All Rights Reserved. R6SC Datasheet HTML 2Page - Lanner All Rights Reserved.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
R6S Series
Fanless Rolling Stock Computer with
Intel® Core™ i7-7600U Processor
Preliminary Specifications
• Intel® Core™ i7-7600U Processor
• Certified with EN 50155 and EN 45545 standard
• Mobile NVR with 10x rugged M12 PoE ports
• SKU A: 2x full size mini PCIe-mini with dual SIM slot (total: 4x SIM),
SKU B/C: 4x M.2 (3042, 42x30x2.3mm) Socket with SIM on each
for LTE, 1 x mini PCIe for Wi-Fi
• Wide range operating temperature from -40 to 70°C
• IP50 Compliant Chassis
Processor System
CPU
Core™ i7-7600U
Frequency
Up to 2.8 GHz
Core Number
Dual-core
BIOS
AMI SPI Flash BIOS
Chipset
SoC
Processor Graphics
Intel integrated HD Graphics 620
Fanless
Yes
Memory
Technology
DDR4 2400 MHz SO-DIMM Socket x1
Max. Capacity
Up to 16GB (Factory default: 16GB pre-installed)
Ethernet
Controller
Intel i210IT x4
Speed
10/100/1000 Mbps
Interface
RJ45 (LAN) x1, M12 X-coded (PoE) x10
PoE
IEEE 802.3af (R6SA max 120W, R6SB max 80W, R6SC max
150W)
Storage
Type
SATA
Installation
Removable 2.5” drive bay x1 for 2x storages (HDD/SSD is
not included)
Type
mSATA, SDxC
Installation
mSATA (Factory default: 128GB pre-installed), SDxC x1
I/O
Display
SKU A: VGA x 1, resolution up to 2048 x 1536, DVI-D x 1,
resolution up to 1920 x 1200
SKU B/C: 2x HDMI, 1x resolution up to 3840 x 2160
LAN
GbE RJ45 x1
Audio
Mic-in and Line-out with 2-watt by HD Audio
Serial I/O
SKU A: 2 x RS232(default)/422/485 x 2 with RI/5V by DB9
(male), SKU B/C: 4 x RS-232/422/485
GPS
u-blox NEO-M8N; 3 GNSS (GPS, Galileo, GLONASS,
BeiDou), default @ GPS + GLONASS dual band
G-sensor
ADXL 345
CAN
Optional CAN Bus J1939/J1708 x1
MIO
7x DI 12V TTL selectable, 7x DO 24V TTL, Max. 100mA
2x IGN-DI of ignition control to MCU
Antenna
SMA antenna hole x6 (includes GPS+GLONASS x1)
USB
Front: USB 2.0 Type A x2, USB 3.0 Type A x 2
Rear: SKU A: 1 x USB2.0 type A with 900mA, SKU B/C: N/A
Expansion
Mini-PCIe / M.2
R6SA:2 x full size mini PCIe with dual SIM slot(total: 4xSIM);
R6SB/R6SC: 4 x M.2 socket with 1 SIM on each for LTE, 1 x
full size mini PCIe for Wi-Fi
Cooling
Processor
Passive CPU heatsink
System
Fanless design with corrugated aluminum
Environment
Operating Temperature
-40~70°C / -40~158°F
Storage Temperature
-40~85°C / -40~185°F
Relative Humidity
5%~95% @ 40°C / 104°F (Storage Level)
Miscellaneous
Hardware Monitoring
Yes
Internal RTC with Li
Battery
Yes
Mechanical
Dimension (W x H x D)
272.4 x 121.3 x 230 mm (10.72” x 4.77” x 8.97”)
Weight
12 kg (with power brick)
Mounting
Wall mount kit
Power
Connector
M12 K-coded (Ground, DC_IN, Ground, IGN, Chassis
Ground)
Input
SKU A: Input Rated: 32-96Vdc;
SKU B: Input Rated: 24~36Vdc;
SKU C::Input Rated: 72~110Vdc
Output
SKU A: Power source output from system @ DC + 12V/ 2A
by M12 A-coded (5 pins, +, -, car speed pin & direction pin
from NEO-M8L GPS, male) x1, SKU B/C: N/A
Driver Support
Microsoft Windows
Win 10 IoT
Linux
Linux: Redhat Enterprise 5, Fedora 14. Linux Kernel 2.6.18
or later
Certification
EMC
CE Class A, FCC Class A, RoHS
Safety
E13 include ISO 7637-2
Certified
MIL-STD-810G, EN 50155, EN 45545, EN 50121
Compliance
IP-50 Compliant
Features
lmages are for refernce only. See ordering information for SKU details.


Similar Part No. - R6SC

ManufacturerPart #DatasheetDescription
logo
Zibo Seno Electronic En...
R6S ZSELEC-R6S Datasheet
138Kb / 2P
0.8A FAST RECOVERY SURFACE MOUNT GLASS PASSIVATED BRIDGE RECTIFIER
logo
M-System Co.,Ltd.
R6S-BS MSYSTEM-R6S-BS Datasheet
333Kb / 5P
Remote I/O R6 Series INSTALLATION BASE
R6S-BS8A MSYSTEM-R6S-BS8A Datasheet
333Kb / 5P
Remote I/O R6 Series INSTALLATION BASE
R6S-BS8A/Q MSYSTEM-R6S-BS8A/Q Datasheet
333Kb / 5P
Remote I/O R6 Series INSTALLATION BASE
R6S-BS8B MSYSTEM-R6S-BS8B Datasheet
333Kb / 5P
Remote I/O R6 Series INSTALLATION BASE
More results

Similar Description - R6SC

ManufacturerPart #DatasheetDescription
logo
AAEON Technology
ACP-5185 AAEON-ACP-5185 Datasheet
395Kb / 2P
18.5??Fanless Multi-Touch Computer With Intel짰 Core??i7/i5/P4500 Processor
ACP-5215 AAEON-ACP-5215 Datasheet
446Kb / 2P
21.5??Fanless Multi-Touch Computer With Intel짰 Core??i7/i5/P4500 Processor
ACP-5187 AAEON-ACP-5187 Datasheet
325Kb / 2P
18.5??Fanless Multi-Touch Computer With Intel짰 Core??i7/i5/Celeron짰 Processor
logo
List of Unclassifed Man...
LEC-7920 ETC2-LEC-7920 Datasheet
254Kb / 2P
Fanless Computer with Intel짰 Core i5 / i7 / Celeron CPU
LVC-5570 ETC2-LVC-5570 Datasheet
512Kb / 4P
Fanless In-Vehicle Computer with Intel Core i7-3517UE Processor
LVR-5700 ETC2-LVR-5700 Datasheet
697Kb / 2P
Fanless Rolling Stock Computer with Intel짰 Core??i7-3517UE Processor
LVR-8300 ETC2-LVR-8300 Datasheet
583Kb / 2P
Fanless Rolling Stock Computer with Intel짰 Core??i5-4422E or Celeron 2002E Processor
logo
Advantech Co., Ltd.
ARK-2250R ADVANTECH-ARK-2250R Datasheet
2Mb / 3P
6th Gen Intel Core i7-6822EQ QC/i5-6442EQ QC Rolling Stock Fanless System
27-May-2019
logo
Lanner All Rights Reser...
ICS-R372 LANNER-ICS-R372 Datasheet
624Kb / 2P
Fanless Rolling Stock Computer with Intel® Atom™ x7-E3950 Processor
R3S LANNER-R3S Datasheet
1Mb / 2P
Fanless Rolling Stock Computer with Intel® Atom™ x7-E3950 Processor
V9-2022.11.21
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com