Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

P708 Datasheet(PDF) 1 Page - Pulse A Technitrol Company

Part # P708
Description  High Isolation Power Transformers
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PULSE [Pulse A Technitrol Company]
Direct Link  http://www.pulseeng.com
Logo PULSE - Pulse A Technitrol Company

P708 Datasheet(HTML) 1 Page - Pulse A Technitrol Company

  P708 Datasheet HTML 1Page - Pulse A Technitrol Company P708 Datasheet HTML 2Page - Pulse A Technitrol Company  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
1
power.pulseelectronics.com
P708. O (02/20) http://www.power.pulseelectronics.com/contact
High Isolation Power Transformers
EP7 Platform SMD - PH9185.XXXNL and PM2190.XXXNL
Push Pull Transformer
Reinforced insulation for isolated power supply
driver
8mm creepage
5KVrms isolation (1000Vrms continuous)7
UL and TUV certified
Electrical Specifications @ 25°C - Operating Temperature -40°C to +125°C
Part Number
Inductance (1-3)
(µH ±45%)
Leakage Inductance
(µH MAX)
DCR (1-3)
(Ω MAX)
DCR (4-6)
(Ω MAX)
ET MAX (1-3)1
(V-µsec MAX)
CAP
(pF MAX)
Turns Ratio
(1:3) (6:4)
Isolated Voltage4
(Vrms)
Commercial
Automotive8
PH9185.011NL
PM2190.011NL
750
1.2
0.50
0.55
66
10.0
1CT : 1CT
5000
PH9185.012NL
PM2190.012NL
450
0.9
0.40
0.80
52
10.0
1CT : 2CT
PH9185.013NL
PM2190.013NL
200
0.6
0.35
0.95
36
8.0
1CT : 3CT
PH9185.021NL
PM2190.021NL
1800
3.0
0.75
0.45
100
10.0
2CT : 1CT
PH9185.034NL
PM2190.034NL
750
1.2
0.50
0.75
66
10.0
3CT : 4CT
PH9185.038NL
PM2190.038NL
310
0.9
0.44
1.00
44
8.0
3CT : 8CT
PH9185.043NL
PM2190.043NL
1260
1.5
0.70
0.56
89
12.0
4CT : 3CT
PH9185.083NL
PM2190.083NL
2350
6.0
0.90
0.40
110
8.0
8CT : 3CT
PH9185.XXXNL/PM2190.XXXNL
Mechanical
Schematic
Weight ...................2.6grams
Tape & Reel ...............150/reel
Tray .............................80/tray
Notes:
1. The ET Max is calculated to limit the core loss and temperature rise at 100KHz based on a
bipolar flux swing of 180mT Peak.
2. For Push-Pull topology, where the voltage is applied across half the primary winding
turns, the ET needs to be derated by 50% for the same flux swing.
3. The applied ET may need to be further derated for higher frequencies based on the
temperature rise which results from the core and copper losses
A. To calculate total copper loss (W), use the following formula:
Copper Loss (W) = Irms_Primary2 * DCR_Primary + Irms_Secondary2*DCR_Secondary
B. To calculate total core loss (W), use the following formula:
Core Loss (W) = 4.40E-10 * (Frequency in kHz)1.67 * (180 * [ET/ET Max])2.53
Where ET is the applied Volt Second, ET Max is the rated Volt Second for 180mT flux
swing
C. To calculate temperature rise, use the following formula: Temperature Rise (°C) =
90 * (Core Loss(W) + Copper Loss (W))
4. The AEC-Q200 temperature and humidity operational life testing was completed using a
dielectric strength test of 5000Vdc.
5. Optional Tape & Reel packing can be ordered by adding a “
T” suffix to the part number
(i.e. PH9185.012NL becomes PH9185.012NL
T). Pulse complies to industry standard tape and
reel specification EIA481.
6. The “NL” suffix indicates an RoHS-compliant part number.
7. Continuous isolation voltage confirmed by 125°C/1000hrs accelerated aging with the bias
voltage applied between primary and secondary windings.
8. The PM2190.XXXNL part numbers are AEC-Q200 and IATF16949 certified.
9. Special Characteristics
Dimensions:
Unless otherwise specified,
all tolerances are
±
Inches
mm
.010
0,25


Similar Part No. - P708

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
P70 VISHAY-P70 Datasheet
103Kb / 5P
RF Power Plate Capacitors with Contoured Rim, Class 1 Ceramic
30-Jan-2019
logo
Harwin Plc
P70-1000045R HARWIN-P70-1000045R Datasheet
80Kb / 1P
SMT SPRING LOADED POGO PIN IN TAPE AND REEL
P70-1010045R HARWIN-P70-1010045R Datasheet
80Kb / 1P
SMT SPRING LOADED POGO PIN IN TAPE AND REEL
P70-1020045R HARWIN-P70-1020045R Datasheet
80Kb / 1P
SMT SPRING LOADED POGO PIN IN TAPE AND REEL
P70-1030045R HARWIN-P70-1030045R Datasheet
80Kb / 1P
SMT SPRING LOADED POGO PIN IN TAPE AND REEL
More results

Similar Description - P708

ManufacturerPart #DatasheetDescription
logo
Premier Magnetics, Inc.
PSB-101 PMI-PSB-101 Datasheet
71Kb / 2P
SPLIT BOBBIN HIGH ISOLATION POWER TRANSFORMERS
logo
PCA ELECTRONICS INC.
EPA1885-X PCA-EPA1885-X Datasheet
24Kb / 1P
Isolation Transformers
logo
Pulse A Technitrol Comp...
PH9085.011NL PULSE-PH9085.011NL Datasheet
237Kb / 2P
Isolation Power Transformers
PH9385.011NL PULSE-PH9385.011NL Datasheet
356Kb / 2P
Isolation Power Transformers
PA3965.001NL PULSE-PA3965.001NL Datasheet
901Kb / 2P
High Isolation Power Transformers
PH9085.XXXNL PULSE-PH9085.XXXNL Datasheet
322Kb / 2P
Isolation Power Transformers
PH9184.011NL PULSE-PH9184.011NL Datasheet
391Kb / 2P
High Isolation Power Transformers
PH9385.XXXNLT PULSE-PH9385.XXXNLT Datasheet
509Kb / 2P
Isolation Power Transformers
PH9384.XXXNL PULSE-PH9384.XXXNL Datasheet
620Kb / 2P
Isolation Power Transformers
PH9084.011NL PULSE-PH9084.011NL Datasheet
399Kb / 2P
Isolation Power Transformers
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com