Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BAS40WSV Datasheet(PDF) 1 Page - Rectron Semiconductor

Part # BAS40WSV
Description  SCHOTTKY BARRIER DIODE
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RECTRON [Rectron Semiconductor]
Direct Link  http://www.rectron.com
Logo RECTRON - Rectron Semiconductor

BAS40WSV Datasheet(HTML) 1 Page - Rectron Semiconductor

  BAS40WSV Datasheet HTML 1Page - Rectron Semiconductor BAS40WSV Datasheet HTML 2Page - Rectron Semiconductor BAS40WSV Datasheet HTML 3Page - Rectron Semiconductor BAS40WSV Datasheet HTML 4Page - Rectron Semiconductor BAS40WSV Datasheet HTML 5Page - Rectron Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
6&+277.< %$55,(5 ',2'(
)($785(6
z Low Turn-on Voltage
z
Fast Switching
z PN Junction Guard for Transient and ESD Protection
z
Designed for Surface Mount Application
z Plastic Material –UL Recognition Flammability
Classification 94V-O
0$5.,1*
0D[LPXP5DWLQJVDQG(OHFWULFDO&KDUDFWHULVWLFV6LQJOH'LRGH#7D 
3DUDPHWHU6\PER/LPLW
8QLW
3HDN5HSHWLWLYH3HDN5HYHUVH9ROWDJH
:RUNLQJ3HDN5HYHUVH9ROWDJH
'&%ORFNLQJ9 ROWDJH
VRRM
VRWM
VR
40
V
)RUZDUG&RQWLQXRXV&XUUHQW
IF
200
mA
IFSM
600
mA
3RZHU'LVVLSDWLRQ
Pd
200
mW
7KHUPDO5HVLVWDQFH-XQFWLRQWR $PELHQW
RθJA

/W
6WRUDJH 7HPSHUDWXUH
TSTG
-55
~ +150
(OHFWULFDO5DWLQJV#7D 
3DUDPHWHU
6\PERO0LQ
7\S
0D[
8QLW
&RQGLWLRQV
5HYHUVHEUHDNGRZQYROWDJH
V (BR)
40
V
IR=10μA
VF1
0.38
V
IF=1mA
VF2
0.5
V
IF=10mA
)RUZDUG YROWDJH
VF3
1
V
IF=40mA
5HYHUVHFXUUHQW
IR
20
200
nA
VR=30V
&DSDFLWDQFHEHWZHHQWHUPLQDOV
CT
4
5
pF
VR=0V,f=1MHz
5HYHUVHUHFRYHU\ WLPH
trr
5
IF=IR=10mA
Irr=0.1XIR,RL=100Ω
62'
ns
-XQFWLRQWHPSHUDWXUH
TJ
1
5
1RQUHSHWLWLYH3HDN)RUZDUG
Surge Current@W ms
The marking bar indicates the cathode
Solid dot = Green molding compound device,if none,
the normal device.
BAS40WSV
P/N suffix V means AEC-Q101 qualified, e.g:BAS40WSV
P/N suffix V means Halogen-free
2020-11/02
REV:O


Similar Part No. - BAS40WSV

ManufacturerPart #DatasheetDescription
logo
Jiangsu Changjiang Elec...
BAS40WS JIANGSU-BAS40WS Datasheet
243Kb / 3P
SCHOTTKY DIODE
logo
Won-Top Electronics
BAS40WS WTE-BAS40WS Datasheet
36Kb / 3P
SURFACE MOUNT SCHOTTKY BARRIER DIODE
logo
Pan Jit International I...
BAS40WS PANJIT-BAS40WS Datasheet
48Kb / 3P
SURFACE MOUNT SCHOTTKY DIODES
logo
Guangdong Kexin Industr...
BAS40WS KEXIN-BAS40WS Datasheet
38Kb / 1P
Surface Mount Schottky Barrier Diode
logo
SEMTECH ELECTRONICS LTD...
BAS40WS SEMTECH_ELEC-BAS40WS Datasheet
313Kb / 3P
SURFACE MOUNT SCHOTTKY BARRIER DIODE
More results

Similar Description - BAS40WSV

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
1PS74SB43 PHILIPS-1PS74SB43 Datasheet
49Kb / 8P
Schottky barrier diode
1999 Dec 10
1PS79SB62 PHILIPS-1PS79SB62 Datasheet
56Kb / 8P
Schottky barrier diode
2001 Jan 18
logo
Vishay Siliconix
BAS85 VISHAY-BAS85 Datasheet
51Kb / 4P
Schottky Barrier Diode
01-Apr-99
BAS86 VISHAY-BAS86 Datasheet
51Kb / 4P
Schottky Barrier Diode
01-Apr-99
logo
Diodes Incorporated
BAT46 DIODES-BAT46 Datasheet
49Kb / 1P
SCHOTTKY BARRIER DIODE
DS11002 Rev. E-2
SD103A DIODES-SD103A Datasheet
66Kb / 3P
SCHOTTKY BARRIER DIODE
DS11009 Rev. 11 - 2
logo
ON Semiconductor
NSR0230P2T5G ONSEMI-NSR0230P2T5G Datasheet
42Kb / 3P
Schottky Barrier Diode
October, 2006 ??Rev. 0
logo
Unisonic Technologies
RB520S30 UTC-RB520S30 Datasheet
38Kb / 3P
SCHOTTKY BARRIER DIODE
logo
Champion Microelectroni...
CMS-S060-060 CHAMP-CMS-S060-060 Datasheet
21Kb / 1P
SCHOTTKY BARRIER DIODE
logo
Shindengen Electric Mfg...
DF20NC15 SHINDENGEN-DF20NC15 Datasheet
641Kb / 2P
Schottky Barrier Diode
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com