Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FUSB380C Datasheet(PDF) 2 Page - ON Semiconductor

Part # FUSB380C
Description  Autonomous USB Type-C Passive Cable Marker
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

FUSB380C Datasheet(HTML) 2 Page - ON Semiconductor

  FUSB380C Datasheet HTML 1Page - ON Semiconductor FUSB380C Datasheet HTML 2Page - ON Semiconductor FUSB380C Datasheet HTML 3Page - ON Semiconductor FUSB380C Datasheet HTML 4Page - ON Semiconductor FUSB380C Datasheet HTML 5Page - ON Semiconductor FUSB380C Datasheet HTML 6Page - ON Semiconductor FUSB380C Datasheet HTML 7Page - ON Semiconductor FUSB380C Datasheet HTML 8Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
FUSB380C
www.onsemi.com
2
Table 1. DEVICE ORDERING INFORMATION
Device
Top Marking
Temperature Range
Package
Shipping†
FUSB380CUCX
H6
−40°C to +85°C
WLCSP12
(Pb−Free)
3000 / Tape & Reel
†For information on tape and reel specifications, including part orientation and tape sizes, please refer to our Tape and Reel Packaging
Specifications Brochure, BRD8011/D.
Table 2. 12−BALL WLCSP PIN DESCRIPTION
Pin#
Name
Description
A1
T1
Test Pin − Float
A2
NC
No Connect
A3
GND
Ground
B1
T2
Test Pin − Float
B2
T4
Test Pin – Float
B3
T6
Test Pin – Float
C1
T3
Test Pin − Float
C2
T5
Test Pin − Float
C3
CC
Configuration Channel (28V Tolerant)
D1
VCONN2
VCONN Power (28V Tolerant)
D2
GND
Ground
D3
VCONN1
VCONN Power (28V Tolerant)
T1
T5
T3
12
T4
T2
NC
Top through view
Top View
A
B
C
GND
VCONN2
CC
T6
GND
VCONN1
D
3
Figure 1. 12−Ball WLCSP Top−Through View



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com