Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FUSB380C Datasheet(PDF) 3 Page - ON Semiconductor

Part # FUSB380C
Description  Autonomous USB Type-C Passive Cable Marker
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

FUSB380C Datasheet(HTML) 3 Page - ON Semiconductor

  FUSB380C Datasheet HTML 1Page - ON Semiconductor FUSB380C Datasheet HTML 2Page - ON Semiconductor FUSB380C Datasheet HTML 3Page - ON Semiconductor FUSB380C Datasheet HTML 4Page - ON Semiconductor FUSB380C Datasheet HTML 5Page - ON Semiconductor FUSB380C Datasheet HTML 6Page - ON Semiconductor FUSB380C Datasheet HTML 7Page - ON Semiconductor FUSB380C Datasheet HTML 8Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
FUSB380C
www.onsemi.com
3
Table 3. MAXIMUM RATINGS
Symbol
Parameter
Conditions
Min
Typ
Max
Units
VCCX
CC and VCONNx pins (Note 1)
−0.5
28
V
TJ
Maximum Junction Temperature
+150
°C
TSTORAGE Storage Temperature Range
−65
+150
°C
TL
Lead Temperature (Soldering 10 Seconds) (Note 2)
+260
°C
ESD
Human Body Model, JEDEDC JESD22−A114
Connector Pins (CC, VCONNx)
4.5
kV
Others
2
Charged Device Model, JEDEC LESD22−C101
All Pins
2
Surge
IEC61000−4−5, Surge Protection
Connector Pins (CC, VCONNx)
32
V
Stresses exceeding those listed in the Maximum Ratings table may damage the device. If any of these limits are exceeded, device functionality
should not be assumed, damage may occur and reliability may be affected.
1. Refer to ELECTRICAL CHARACTERISTICS, RECOMMENDED OPERATING RANGES and/or APPLICATION INFORMATION for Safe
Operating parameters.
2. For information, please refer to our Soldering and Mounting Techniques Reference Manual, SOLDERRM/D
Table 4. RECOMMENDED OPERATING RANGES
Symbol
Parameter
Conditions
Min
Typ
Max
Units
VCONNx
VCONN Voltage (Note 3)
2.4
5.5
V
TA
Operating Ambient Temperature
−40
+85
°C
Functional operation above the stresses listed in the Recommended Operating Ranges is not implied. Extended exposure to stresses beyond
the Recommended Operating Ranges limits may affect device reliability.
3. Programming Voltage range = 4.7 V to 5.5 V
DC AND TRANSIENT ELECTRICAL CHARACTERISTICS (Minimum and maximum values are at VCONNx = 2.4 V to 5.5 V,
TA = −40°C to +85°C unless otherwise noted. Typical values are at TA = 25°C, VCONNx = 3.3 V)
Symbol
Parameter
Conditions
Min
Typ
Max
Units
Current Consumption
Ipd_stby
BMC PD standby current
VCONN = 2.4 to 5.5 Device
attached, BMC PD active but not
sending or receiving, Ra weakened.
Other VCONN pin floating. CC
pulled−up/down/float.
400
mA
BASEBAND PD SYSTEM
UI
Unit Interval
3.03
3.33
3.7
ms
TRANSMITTER
pBitRate
Maximum difference between the bit−rate
during the payload and last 32 bits of pre-
amble
0.25
%
tEndDriveBMC
Time to cease driving the line after the end
of the last bit of the Frame
23
ms
tHoldLowBMC
Time to cease driving the line after the final
high−to−low transition
1
ms
tStartDrive
Time before the start of the first bit of the
preamble when the transmitter shall start
driving the line
−1
1
ms
tInterFrameGap
Any PD transmission cannot be sent out be-
fore a dead time of at least tInterFrameGap
from receiving or sending a packet
25
ms
tTransmit
GoodCRC response time from last transition
following EOP to start of preamble of Good-
CRC
25
195
ms
tRise
Rise Time
300
ns



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com