Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STSPIN32F0251 Datasheet(PDF) 12 Page - STMicroelectronics

Part # STSPIN32F0251
Description  Advanced 250 V three-phase BLDC controller with embedded STM32 MCU
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STSPIN32F0251 Datasheet(HTML) 12 Page - STMicroelectronics

Back Button STSPIN32F0251 Datasheet HTML 8Page - STMicroelectronics STSPIN32F0251 Datasheet HTML 9Page - STMicroelectronics STSPIN32F0251 Datasheet HTML 10Page - STMicroelectronics STSPIN32F0251 Datasheet HTML 11Page - STMicroelectronics STSPIN32F0251 Datasheet HTML 12Page - STMicroelectronics STSPIN32F0251 Datasheet HTML 13Page - STMicroelectronics STSPIN32F0251 Datasheet HTML 14Page - STMicroelectronics STSPIN32F0251 Datasheet HTML 15Page - STMicroelectronics STSPIN32F0251 Datasheet HTML 16Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 32 page
background image
Symbol
Parameter
Test condition
Min
Typ
Max
Unit
Ilkg
Input leakage
current
VSS ≤ VIN ≤ VDDIOx
µA
TTa in digital mode
VDDIOx ≤ VIN ≤ VDDA
1
TTa in analog mode
VSS ≤ VIN ≤ VDDA
± 0.1
FT and FTf I/O
VDDIOx ≤ VIN ≤ 5 V
10
VSSDh
SmartSD restart
threshold
3.5
4
4.3
VSSDl
SmartSD unlatch
threshold
0.56
0.75
V
Sense Comparator and FAULT
VREF
Internal voltage
reference
410
460
510
mV
CINhyst
Comparator input
hysteresis
40
70
mV
CINPD
Comparator input
pull-down current
VCIN = 1 V
7
10
13
µA
IOD
OD internal current
source
2.5
5
7.5
µA
RON_OD
OD On resistance
IOD = 16 mA
19
25
36
W
ISAT_OD
OD saturation
current
VOD = 5 V
95
mA
VFLOAT_OD
OD floating voltage
level
OD connected only to an external
capacitance
4.4
4.8
5.2
V
IOL_OD
OD low level sink
current
VOD = 400 mV
11
16
21
mA
RON_F
FAULT On
resistance
IFAULT = 8 mA
50
100
Ω
IOL_F
FAULT low level sink
current
VFAULT = 400mV
4
8
12
mA
tOD
Comparator
propagation delay
Rpu = 100 kΩ to 5 V;
0 to 3.3 V voltage step on CIN
50% CIN to 90% OD
350
500
ns
tCIN-F
Comparator
triggering to FAULT
0 to 3.3 V voltage step on CIN;
50% CIN to 90% FAULT
350
500
ns
tCINoff
Comparator
triggering to
high/low side driver
propagation delay
0 to 3.3 V voltage step on CIN
50% CIN to 90% LVG/HVG
360
510
ns
tFCIN
Comparator input
filter time
200
300
400
ns
SR
Slew rate
CL = 1 nF; Rpu = 1 kΩ to 5 V;
90% to 10% OD
4
7.7
10.3
V/µs
Driver dynamic characteristics
ton
High/Low-side driver
turn-on propagation
delay
OUT = 0 V
BOOT = VCC
CL = 1 nF
45
85
120
ns
STSPIN32F0251, STSPIN32F0252
Electrical characteristics
DS13048 - Rev 4
page 12/32



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com