Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STSPIN32F0251 Datasheet(PDF) 29 Page - STMicroelectronics

Part # STSPIN32F0251
Description  Advanced 250 V three-phase BLDC controller with embedded STM32 MCU
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STSPIN32F0251 Datasheet(HTML) 29 Page - STMicroelectronics

Back Button STSPIN32F0251 Datasheet HTML 24Page - STMicroelectronics STSPIN32F0251 Datasheet HTML 25Page - STMicroelectronics STSPIN32F0251 Datasheet HTML 26Page - STMicroelectronics STSPIN32F0251 Datasheet HTML 27Page - STMicroelectronics STSPIN32F0251 Datasheet HTML 28Page - STMicroelectronics STSPIN32F0251 Datasheet HTML 29Page - STMicroelectronics STSPIN32F0251 Datasheet HTML 30Page - STMicroelectronics STSPIN32F0251 Datasheet HTML 31Page - STMicroelectronics STSPIN32F0251 Datasheet HTML 32Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 29 / 32 page
background image
Contents
1
Block diagram .....................................................................3
2
Pin description and connection diagram ...........................................4
3
Pin description table...............................................................6
4
Electrical data .....................................................................8
4.1
Absolute maximum ratings ...................................................... 8
4.2
Thermal data .................................................................. 9
4.3
Recommended operating conditions .............................................. 9
5
Electrical characteristics..........................................................10
6
Device description................................................................16
6.1
Gate driver ................................................................... 16
6.1.1
Inputs and outputs ...................................................... 16
6.1.2
Deadtime ............................................................. 16
6.1.3
VCC UVLO protection .................................................... 16
6.1.4
VBO UVLO protection .................................................... 17
6.1.5
Comparator and Smart shutdown ........................................... 18
6.2
Microcontroller unit ............................................................ 20
6.2.1
Memories and boot mode ................................................. 20
6.2.2
Power management ..................................................... 20
6.2.3
High-speed external clock source ........................................... 21
6.3
Advanced-control timer (TIM1) .................................................. 22
7
Package information..............................................................23
7.1
TQFP 10x10 64L package information............................................ 23
7.2
Suggested land pattern ........................................................ 26
8
Ordering information .............................................................27
Revision history .......................................................................28
Contents ..............................................................................29
List of tables ..........................................................................30
List of figures..........................................................................31
STSPIN32F0251, STSPIN32F0252
Contents
DS13048 - Rev 4
page 29/32



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com