Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STSPIN32F0601 Datasheet(PDF) 18 Page - STMicroelectronics

Part # STSPIN32F0601
Description  Advanced 600 V three-phase BLDC controller with embedded STM32 MCU
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STSPIN32F0601 Datasheet(HTML) 18 Page - STMicroelectronics

Back Button STSPIN32F0601 Datasheet HTML 14Page - STMicroelectronics STSPIN32F0601 Datasheet HTML 15Page - STMicroelectronics STSPIN32F0601 Datasheet HTML 16Page - STMicroelectronics STSPIN32F0601 Datasheet HTML 17Page - STMicroelectronics STSPIN32F0601 Datasheet HTML 18Page - STMicroelectronics STSPIN32F0601 Datasheet HTML 19Page - STMicroelectronics STSPIN32F0601 Datasheet HTML 20Page - STMicroelectronics STSPIN32F0601 Datasheet HTML 21Page - STMicroelectronics STSPIN32F0601 Datasheet HTML 22Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 32 page
background image
Figure 9. VBO Power-ON and UVLO timing
VCC
VCCthON
VCCthOFF
0 V
0 V
FAULT
HIN
HVG-OUT
BOthON
VBOthOFF
0 V
V
VBO
0 V
0 V
6.1.5
Comparator and Smart shutdown
The STSPIN32F060x integrates a comparator committed to the fault protection function, thanks to the
SmartShutDown (SmartSD) circuit.
The SmartSD architecture allows immediate turn-off of the gate driver outputs in the case of overload or
overcurrent condition, by minimizing the propagation delay between the fault detection event and the actual
output switch-off. In fact, the time delay between the fault detection and the output turn-off is not dependent on the
value of the external components connected to the OD pin, which are only used to set the duration of disable time
after the fault.
This provides the possibility to increase the duration of the output disable time after the fault event up to very
large values without increasing the delay time of the protection. The duration of the disable time is determined by
the values of the external capacitor COD and of the optional pull-up resistor connected to the OD pin.
The comparator has an internal voltage reference VREF connected to the inverting input, while the non-inverting
input is available on the CIN pin. The comparator's CIN input can be connected to an external shunt resistor
in order to implement a fast and simple overcurrent protection function. The output signal of the comparator is
filtered from glitches shorter than tFCIN and then fed to the SmartSD logic.
If the impulse on the CIN pin is higher than VREF and wider than tFCIN, the SmartSD logic is triggered and
immediately sets all of the driver outputs to low-level (OFF).
At the same time, FAULT is forced low to signal the event (for example to a MCU input) and OD starts to
discharge the external COD capacitor used to set the duration of the output disable time of the fault event.
The FAULT pin is released and driver outputs restart following the input pins as soon as the output disable time
expires.
The overall disable time is composed of two phases:
•
The OD unlatch time (t1 in Figure 10), which is the time required to discharge the COD capacitor down to the
VSSDl threshold. The discharge starts as soon as the SSD comparator is triggered.
•
The OD Restart time (t2 in Figure 10), which is the time required to recharge the COD capacitor up to the
VSSDh threshold. The recharge of COD starts when the OD internal MOSFET is turned-off, which happens
when the fault condition has been removed (CIN < VREF - CINhyst) and the voltage on OD reaches the VSSDl
threshold. This time normally covers most of the overall output disable time.
STSPIN32F0601, STSPIN32F0602
Gate driver
DS12981 - Rev 5
page 18/32



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com