Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STSPIN32F0601 Datasheet(PDF) 24 Page - STMicroelectronics

Part # STSPIN32F0601
Description  Advanced 600 V three-phase BLDC controller with embedded STM32 MCU
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STSPIN32F0601 Datasheet(HTML) 24 Page - STMicroelectronics

Back Button STSPIN32F0601 Datasheet HTML 20Page - STMicroelectronics STSPIN32F0601 Datasheet HTML 21Page - STMicroelectronics STSPIN32F0601 Datasheet HTML 22Page - STMicroelectronics STSPIN32F0601 Datasheet HTML 23Page - STMicroelectronics STSPIN32F0601 Datasheet HTML 24Page - STMicroelectronics STSPIN32F0601 Datasheet HTML 25Page - STMicroelectronics STSPIN32F0601 Datasheet HTML 26Page - STMicroelectronics STSPIN32F0601 Datasheet HTML 27Page - STMicroelectronics STSPIN32F0601 Datasheet HTML 28Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 32 page
background image
Table 10. TQFP package dimensions
Symbol
Min
Nom
Max
TOTAL THICKNESS
A
-
-
1.2
STAND OFF
A1
0.05
-
0.15
MOLD THICKNESS
A2
0.95
-
1.05
LEAD WIDTH(PLATING)
b
0.17
0.22
0.27
LEAD WIDTH
b1
0.17
0.2
0.23
L/F THICKNESS(PLATING)
c
0.09
-
0.2
L/F THICKNESS
c1
0.09
-
0.16
X
D
-
12
-
Y
E
-
12
-
BODY SIZE
X
D1
-
10
-
Y
E1
-
10
-
LEAD PITCH
e
-
0.5
-
L
0.45
0.6
0.75
θ
3.5°
θ1
-
-
θ2
11°
12°
13°
θ3
11°
12°
13°
R1
0.08
-
-
R2
0.08
-
0.2
S
0.2
-
-
EP SIZE
X
M
5.85
5.95
6.05
Y
N
5.85
5.95
6.05
PACKAGE LEAD TOLERANCE
aaa
0.2
LEAD EDGE TOLERANCE
bbb
0.2
COPLANARITY
ccc
0.08
LEAD OFFSET
ddd
0.08
MOLD FLATNESS
eee
0.05
Note:
All dimensions are mm unless otherwise specified
STSPIN32F0601, STSPIN32F0602
TQFP 10x10 64L package information
DS12981 - Rev 5
page 24/32



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com