Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TSV7723 Datasheet(PDF) 31 Page - STMicroelectronics

Part # TSV7723
Description  High bandwidth (22 MHz) low offset (200 μV) 5 V op amp
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TSV7723 Datasheet(HTML) 31 Page - STMicroelectronics

Back Button TSV7723 Datasheet HTML 27Page - STMicroelectronics TSV7723 Datasheet HTML 28Page - STMicroelectronics TSV7723 Datasheet HTML 29Page - STMicroelectronics TSV7723 Datasheet HTML 30Page - STMicroelectronics TSV7723 Datasheet HTML 31Page - STMicroelectronics TSV7723 Datasheet HTML 32Page - STMicroelectronics TSV7723 Datasheet HTML 33Page - STMicroelectronics TSV7723 Datasheet HTML 34Page - STMicroelectronics TSV7723 Datasheet HTML 35Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 40 page
background image
7.4
SO-8 package information
Figure 57. SO-8 package outline
0016023_So-807_fig2_Rev10
Table 12. SO-8 mechanical data
Dim.
mm
Min.
Typ.
Max.
A
1.75
A1
0.10
0.25
A2
1.25
b
0.31
0.51
b1
0.28
0.48
c
0.10
0.25
c1
0.10
0.23
D
4.80
4.90
5.00
E
5.80
6.00
6.20
E1
3.80
3.90
4.00
e
1.27
h
0.25
0.50
L
0.40
1.27
L1
1.04
L2
0.25
k
0°
8°
ccc
0.10
TSV7721, TSV7722, TSV7723
SO-8 package information
DS13614 - Rev 3
page 31/40



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com