Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TSV7723 Datasheet(PDF) 38 Page - STMicroelectronics

Part # TSV7723
Description  High bandwidth (22 MHz) low offset (200 μV) 5 V op amp
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TSV7723 Datasheet(HTML) 38 Page - STMicroelectronics

Back Button TSV7723 Datasheet HTML 32Page - STMicroelectronics TSV7723 Datasheet HTML 33Page - STMicroelectronics TSV7723 Datasheet HTML 34Page - STMicroelectronics TSV7723 Datasheet HTML 35Page - STMicroelectronics TSV7723 Datasheet HTML 36Page - STMicroelectronics TSV7723 Datasheet HTML 37Page - STMicroelectronics TSV7723 Datasheet HTML 38Page - STMicroelectronics TSV7723 Datasheet HTML 39Page - STMicroelectronics TSV7723 Datasheet HTML 40Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 38 / 40 page
background image
List of figures
Figure 1.
Pin connections (top view) ............................................................ 2
Figure 2.
Pin connections (top view) ............................................................ 3
Figure 3.
Pin connections (top view) ............................................................ 4
Figure 4.
Supply current vs. supply voltage ...................................................... 12
Figure 5.
Input offset voltage distribution at VCC = 5 V ............................................... 12
Figure 6.
Input offset voltage distribution at VCC = 1.8 V ............................................. 12
Figure 7.
Input offset voltage vs. temperature at VCC = 5 V ........................................... 12
Figure 8.
Input offset voltage vs. temperature at VCC=1.8 V ........................................... 12
Figure 9.
Input offset voltage thermal coeff. at VCC=5 V.............................................. 12
Figure 10.
Input offset voltage thermal coefficient at VCC=1.8 V ......................................... 13
Figure 11.
Input offset voltage vs. supply voltage ................................................... 13
Figure 12.
Input offset voltage vs. common-mode voltage at VCC = 5 V .................................... 13
Figure 13.
Input offset voltage vs. common-mode voltage at VCC = 1.8 V .................................. 13
Figure 14.
Input bias current vs. temp. at VICM = VCC / 2 .............................................. 13
Figure 15.
Input bias current vs. common-mode voltage at VCC = 5 V ..................................... 13
Figure 16.
Output current vs. output voltage at VCC = 5 V ............................................. 14
Figure 17.
Output current versus output voltage at VCC=1.8 V .......................................... 14
Figure 18.
Output saturation voltage (VOL) vs. supply voltage .......................................... 14
Figure 19.
Output saturation voltage (VOH) vs. supply voltage .......................................... 14
Figure 20.
Positive slew rate at VCC = 5 V ........................................................ 14
Figure 21.
Negative slew rate at VCC = 5 V ....................................................... 14
Figure 22.
Slew rate vs. VCC ................................................................. 15
Figure 23.
Open loop bode diagram at VCC = 5 V ................................................... 15
Figure 24.
Open loop bode diagram at VCC = 1.8 V ................................................. 15
Figure 25.
Closed loop bode diagram at VCC = 5 V.................................................. 15
Figure 26.
Closed loop bode diagram at VCC = 1.8 V ................................................ 15
Figure 27.
Phase margin vs. common-mode voltage and load current at VCC = 5 V ........................... 15
Figure 28.
Phase margin vs. capacitive load ...................................................... 16
Figure 29.
Small step response at VCC = 5 V ...................................................... 16
Figure 30.
Small step response at VCC = 1.8 V..................................................... 16
Figure 31.
Desaturation from low rail at VCC = 5 V .................................................. 16
Figure 32.
Desaturation from high rail at VCC = 5 V.................................................. 16
Figure 33.
Settling time output high to low at VCC = 5 V............................................... 16
Figure 34.
Settling time output low to high at VCC = 5 V............................................... 17
Figure 35.
Small step overshoot vs. load capacitance ................................................ 17
Figure 36.
Linearity vs. load resistance at VCC = 5 V................................................. 17
Figure 37.
Noise vs. frequency................................................................ 17
Figure 38.
Noise versus time at VCC = 5 V........................................................ 17
Figure 39.
THD+N vs. frequency .............................................................. 17
Figure 40.
THD+N vs. output voltage ........................................................... 18
Figure 41.
CMRR vs. frequency at VCC = 5 V...................................................... 18
Figure 42.
PSRR vs. frequency at VCC = 5 V ...................................................... 18
Figure 43.
Supply current vs. supply voltage in shutdown mode ......................................... 18
Figure 44.
Turn-on time at VCC = 5 V ........................................................... 18
Figure 45.
Turn-on time at VCC = 1.8 V .......................................................... 18
Figure 46.
EMIRR on In+, In- and Out pins ....................................................... 20
Figure 47.
Test configuration for RISO ........................................................... 21
Figure 48.
Inverting amplifier configuration with parasitic input capacitances ................................ 21
Figure 49.
Settling time measurement configuration ................................................. 22
TSV7721, TSV7722, TSV7723
List of figures
DS13614 - Rev 3
page 38/40



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com