Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TSV7722IST Datasheet(PDF) 10 Page - STMicroelectronics

Part # TSV7722IST
Description  High bandwidth (22 MHz) low offset (200 μV) 5 V op amp
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TSV7722IST Datasheet(HTML) 10 Page - STMicroelectronics

Back Button TSV7722IST Datasheet HTML 6Page - STMicroelectronics TSV7722IST Datasheet HTML 7Page - STMicroelectronics TSV7722IST Datasheet HTML 8Page - STMicroelectronics TSV7722IST Datasheet HTML 9Page - STMicroelectronics TSV7722IST Datasheet HTML 10Page - STMicroelectronics TSV7722IST Datasheet HTML 11Page - STMicroelectronics TSV7722IST Datasheet HTML 12Page - STMicroelectronics TSV7722IST Datasheet HTML 13Page - STMicroelectronics TSV7722IST Datasheet HTML 14Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 40 page
background image
Table 8. Electrical characteristics at VCC+ = 1.8 V, with VCC- = 0 V, Vicm = 0.7 V, T = 25°C, and OUT pin connected to VCC /
2 through RL = 10 kΩ (unless otherwise specified)
Symbol
Parameter
Conditions
Min.
Typ.
Max.
Unit
DC Performance
Vio
Input offset voltage (Vicm = 0 V)
T = 25°C
±50
±250
µV
-40°C < T < 125°C
±650
∆Vio/∆T
Input offset voltage drift (Vicm = 0 V)
-40°C < T < 125°C
±4
µV/°C
Iib
Input bias current (VOUT = VCC/2)
T = 25°C
1
pA
-40°C < T < 125°C
40
Iio
Input offset current (VOUT = VCC/2)
T = 25°C
1
pA
-40°C < T < 125°C
15
CMR1
Common-mode rejection ratio
20.log(∆Vicm/∆Vio), Vicm = 0 V to
VCC- 1.1 V, RL > 1 MΩ
T = 25°C
72
93
dB
-40°C < T < 125°C
68
CMR2
Common-mode rejection ratio
20.log(∆Vicm/∆Vio),
Vicm = - 0.1 V to VCC- 1.1 V, RL > 1 MΩ
T = 25°C
70
dB
-40°C < T < 125°C
52
AVD
Large signal voltage gain VOUT = 0.3 V to
(VCC- 0.3 V)
T = 25°C
101
122
dB
-40°C < T < 125°C
97
VOH
High level output voltage
(VOH = VCC - VOUT)
T = 25°C
15
mV
-40°C < T < 125°C
25
VOL
Low level output voltage
T = 25°C
15
-40°C < T < 125°C
25
IOUT
Isink (VOUT = VCC)
T = 25°C
35
42
mA
-40°C < T < 125°C
20
Isource (VOUT = 0 V)
T = 25°C
20
32
-40°C < T < 125°C
10
ICC
Supply current (per channel,
VOUT = VCC / 2, RL > 1 MΩ)
T = 25°C
1.7
2.2
mA
-40°C < T < 125°C
2.5
AC Performance
GBW
Gain bandwidth product
CL = 47 pF
14
21
MHz
Fu
Unity gain frequency
18
Φm
Phase margin
41
degrees
Gm
Gain margin
8
dB
SR
Slew rate (1)
7.6
11
V/µs
en
Equivalent input noise voltage
f = 1 kHz
13
nV/√Hz
f = 10 kHz
7
CS
Channel separation
(for TSV7722 and TSV7723)
f = 1 kHz
120
dB
Shutdown feature characteristics (TSV7723 only, op-amp in shutdown mode when EN input is low)
ICC
Supply current per channel in shutdown
mode VOUT = VCC / 2, RL > 1 MΩ,
T = 25°C
2.5
50
nA
-40°C < T < 85°C
450
TSV7721, TSV7722, TSV7723
Electrical characteristics
DS13614 - Rev 3
page 10/40



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com