Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TSV7722IST Datasheet(PDF) 37 Page - STMicroelectronics

Part # TSV7722IST
Description  High bandwidth (22 MHz) low offset (200 μV) 5 V op amp
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TSV7722IST Datasheet(HTML) 37 Page - STMicroelectronics

Back Button TSV7722IST Datasheet HTML 32Page - STMicroelectronics TSV7722IST Datasheet HTML 33Page - STMicroelectronics TSV7722IST Datasheet HTML 34Page - STMicroelectronics TSV7722IST Datasheet HTML 35Page - STMicroelectronics TSV7722IST Datasheet HTML 36Page - STMicroelectronics TSV7722IST Datasheet HTML 37Page - STMicroelectronics TSV7722IST Datasheet HTML 38Page - STMicroelectronics TSV7722IST Datasheet HTML 39Page - STMicroelectronics TSV7722IST Datasheet HTML 40Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 37 / 40 page
background image
List of tables
Table 1.
Pin description...................................................................... 2
Table 2.
Pin description...................................................................... 3
Table 3.
Pin description...................................................................... 4
Table 4.
Absolute maximum ratings ............................................................. 5
Table 5.
Operating conditions ................................................................. 5
Table 6.
Electrical characteristics at VCC+ = 5 V, with VCC- = 0 V, Vicm = VCC / 2, T = 25°C, and OUT pin connected to VCC / 2
through RL = 10 kΩ (unless otherwise specified) .............................................. 6
Table 7.
Electrical characteristics at VCC+ = 3.3 V, with VCC- = 0 V, Vicm = VCC / 2, T = 25°C, and OUT pin connected to VCC /
2 through RL = 10 kΩ (unless otherwise specified) ............................................. 8
Table 8.
Electrical characteristics at VCC+ = 1.8 V, with VCC- = 0 V, Vicm = 0.7 V, T = 25°C, and OUT pin connected to VCC / 2
through RL = 10 kΩ (unless otherwise specified) ............................................. 10
Table 9.
SOT23-5 package mechanical data ...................................................... 27
Table 10.
DFN8 2x2 package mechanical data ..................................................... 28
Table 11.
MiniSO8 package mechanical data ...................................................... 30
Table 12.
SO-8 mechanical data ............................................................... 31
Table 13.
MiniSO10 mechanical data ............................................................ 32
Table 14.
Order code ....................................................................... 33
Table 15.
Document revision history ............................................................. 34
TSV7721, TSV7722, TSV7723
List of tables
DS13614 - Rev 3
page 37/40



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com