Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TSV7722IDT Datasheet(PDF) 21 Page - STMicroelectronics

Part # TSV7722IDT
Description  High bandwidth (22 MHz) low offset (200 μV) 5 V op amp
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TSV7722IDT Datasheet(HTML) 21 Page - STMicroelectronics

Back Button TSV7722IDT Datasheet HTML 17Page - STMicroelectronics TSV7722IDT Datasheet HTML 18Page - STMicroelectronics TSV7722IDT Datasheet HTML 19Page - STMicroelectronics TSV7722IDT Datasheet HTML 20Page - STMicroelectronics TSV7722IDT Datasheet HTML 21Page - STMicroelectronics TSV7722IDT Datasheet HTML 22Page - STMicroelectronics TSV7722IDT Datasheet HTML 23Page - STMicroelectronics TSV7722IDT Datasheet HTML 24Page - STMicroelectronics TSV7722IDT Datasheet HTML 25Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 40 page
background image
Figure 47. Test configuration for RISO
Please note that RISO = 22 Ω is sufficient to make the TSV7722 stable whatever the capacitive load.
5.7
Resistor values for high speed op amp design
Due to its high gain bandwidth product (GBP), this op amp is particularly sensitive to parasitic impedances.
Board parasitics should be taken into account in any sensitive design. Indeed, excessive parasitic (both capacitive
and inductive) in the op amp frequency range can alter performances and stability. These issues can often be
mitigated by lowering the resistive impedances. More specifically, the RC network created by the schematic
resistors (Rf and Rg) and the parasitic capacitances of both the op amp (as documented in Table 6 to Table 8
and illustrated in Figure 48) and the PCB can generate a pole below or in the same order of magnitude than
the closed-loop bandwidth of the circuit. In this case, the feedback circuit is not able to fully play its role at high
frequency, and the application can be unstable. This issue can happen when the schematic gain is low (typically <
5), or the device is used in follower mode with a resistor in the feedback. In these cases, it is advised to use a low
value feedback resistor (Rf), typically 1 kΩ.
Figure 48. Inverting amplifier configuration with parasitic input capacitances
Also, some designs use an input resistor on the positive input, generally of the same value than the input
resistance on the negative input. This resistor can be useful to balance the input currents on the positive and
negative inputs, and reduce the impact of those input currents on precision. However, this is not useful on
the TSV7722 as the input currents are very low. Furthermore, this resistor can also interact with the input
capacitances to generate a pole. The frequency of this pole should be kept higher than the closed-loop bandwidth
frequency. The macromodel provided takes into account the circuit parasitic capacitors. Thus, a transient SPICE
simulation (100 mV step) is an easy way to evaluate the stability of the application. However, this cannot replace
a hardware evaluation of the application circuit.
TSV7721, TSV7722, TSV7723
Resistor values for high speed op amp design
DS13614 - Rev 3
page 21/40



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com