Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TSV7722IDT Datasheet(PDF) 33 Page - STMicroelectronics

Part # TSV7722IDT
Description  High bandwidth (22 MHz) low offset (200 μV) 5 V op amp
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TSV7722IDT Datasheet(HTML) 33 Page - STMicroelectronics

Back Button TSV7722IDT Datasheet HTML 29Page - STMicroelectronics TSV7722IDT Datasheet HTML 30Page - STMicroelectronics TSV7722IDT Datasheet HTML 31Page - STMicroelectronics TSV7722IDT Datasheet HTML 32Page - STMicroelectronics TSV7722IDT Datasheet HTML 33Page - STMicroelectronics TSV7722IDT Datasheet HTML 34Page - STMicroelectronics TSV7722IDT Datasheet HTML 35Page - STMicroelectronics TSV7722IDT Datasheet HTML 36Page - STMicroelectronics TSV7722IDT Datasheet HTML 37Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 40 page
background image
8
Ordering information
Table 14. Order code
Order code
Temperature range
Package
Channel
Automotive
Marking
TSV7721ILT
-40 to +125 °C
SOT23-5
1
K2A
TSV7721IYLT
-40 to +125 °C Automotive
grade(1)
SOT23-5
1
•
K217
TSV7722IQ2T
-40 to +125°C
DFN8 2x2
2
K2A
TSV7722IST
MiniSO8
2
K2A
TSV7722IDT
SO8
2
TSV7722I
TSV7723IST
MiniSO10
2
K2A
TSV7722IYST
-40 to +125 °C Automotive
grade(1)
MiniSO8
2
•
K217
TSV7722IYDT
SO8
2
•
TSV7722Y
1. Qualification and characterization according to AEC Q100 and Q003 or equivalent, advanced screening according to AEC
Q001 & Q 002 or equivalent are ongoing.
TSV7721, TSV7722, TSV7723
Ordering information
DS13614 - Rev 3
page 33/40



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com