Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM5145 Datasheet(PDF) 16 Page - Texas Instruments

Click here to check the latest version.
Part # LM5145
Description  LM5146 100-V Synchronous Buck DC/DC Controller With Wide Duty Cycle Range
PDF  55 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LM5145 Datasheet(HTML) 16 Page - Texas Instruments

Back Button LM5145 Datasheet HTML 12Page - Texas Instruments LM5145 Datasheet HTML 13Page - Texas Instruments LM5145 Datasheet HTML 14Page - Texas Instruments LM5145 Datasheet HTML 15Page - Texas Instruments LM5145 Datasheet HTML 16Page - Texas Instruments LM5145 Datasheet HTML 17Page - Texas Instruments LM5145 Datasheet HTML 18Page - Texas Instruments LM5145 Datasheet HTML 19Page - Texas Instruments LM5145 Datasheet HTML 20Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 55 page
background image
8 Detailed Description
8.1 Overview
The LM5146 is a 100-V synchronous buck controller with all of the functions necessary to implement a high-
efficiency step-down power supply. The output voltage range is from 0.8 V to 60 V. The voltage-mode control
architecture uses input feedforward for excellent line transient response over a wide VIN range. Voltage-mode
control supports the wide duty cycle range for high input voltage and low dropout applications as well as when
a high-voltage conversion ratio (for example, 10-to-1) is required. Current sensing for cycle-by-cycle current limit
can be implemented with either the low-side FET RDS(on) or a current sense resistor. The operating frequency
is programmable from 100 kHz to 1 MHz. The LM5146 drives external high-side and low-side NMOS power
switches with robust 7.5-V gate drivers suitable for standard threshold MOSFETs. Adaptive dead-time control
between the high-side and low-side drivers minimizes body diode conduction during switching transitions. An
external bias supply can be connected to the VCC pin to improve efficiency in high-voltage applications. A
user-selectable diode emulation feature enables DCM operation for improved efficiency and lower dissipation at
light-load conditions.
8.2 Functional Block Diagram
VIN
VCC
BST
PGND
AGND
ILIM
SW
ERROR
AMP
VCC
UVLO
7.5 V LDO
REGULATOR
HO
LO
RT
SS/TRK
COMP
PWM
COMPARATOR
0.8 V
THERMAL
SHUTDOWN
ENABLE
LOGIC
OSCILLATOR &
FEEDFORWARD
RAMP
GENERATOR
EN/UVLO
0.4 V
HYSTERESIS
1.2 V
STANDBY
SHUTDOWN
CLK
SYNCOUT
kFF*VIN
VCC ENABLE
PWM
LOGIC
SYNCIN
SUPERVISORY
COMPARATORS
PGOOD
0.8 V + 8%
FB
VCC
+
CURRENT LIMIT
COMPARATOR
+
+
±
+
±
+
±
7.5 V
FPWM
ILIM
LEVEL
SHIFT
ADAPTIVE
DEADTIME
DELAY
+
COMP
CLAMP
MODULATOR
LO
+
+
0.8 V - 8%
25 µs
delay
5 µs
FILTER
STANDBY
PEAK
DETECT
FILTER
LO
OCP
+
+
±
+
115 mV
FB
RAMP
kFF*VIN + 0.3 V
0.3 V
BST_UV
VSW +
VBST-UV
+
+
Q
CL
D
R
³1´
VVCC-UV
DRIVER
DRIVER
RDS(on) or
Shunt Sensing
HICCUP
COUNTERS
CLK
±
±
±
±
±
±
±
±
±
+
CLAMP
ZERO CROSS
DETECTION
LM5146
SNVSBV0A – JUNE 2021 – REVISED JUNE 2021
www.ti.com
16
Submit Document Feedback
Copyright © 2021 Texas Instruments Incorporated
Product Folder Links: LM5146



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com