Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM5145 Datasheet(PDF) 19 Page - Texas Instruments

Click here to check the latest version.
Part # LM5145
Description  LM5146 100-V Synchronous Buck DC/DC Controller With Wide Duty Cycle Range
PDF  55 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LM5145 Datasheet(HTML) 19 Page - Texas Instruments

Back Button LM5145 Datasheet HTML 15Page - Texas Instruments LM5145 Datasheet HTML 16Page - Texas Instruments LM5145 Datasheet HTML 17Page - Texas Instruments LM5145 Datasheet HTML 18Page - Texas Instruments LM5145 Datasheet HTML 19Page - Texas Instruments LM5145 Datasheet HTML 20Page - Texas Instruments LM5145 Datasheet HTML 21Page - Texas Instruments LM5145 Datasheet HTML 22Page - Texas Instruments LM5145 Datasheet HTML 23Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 55 page
background image
EN
UV2
UV1
IN(on)
EN
V
R
R
V
V
˜
(2)
VIN
1.2 V
Enable
comparator
RUV1
RUV2
LM5146
1
EN/UVLO
Remote
shutdown
10 A
vcc
Figure 8-3. Programmable Input Voltage UVLO Turn-on and Turn-off
The LM5146 enters a low IQ shutdown mode when EN/UVLO is pulled below approximately 0.4 V. The internal
LDO regulator powers off and the internal bias supply rail collapses, shutting down the bias currents of the
LM5146. The LM5146 operates in standby mode when the EN/UVLO voltage is between the hard shutdown and
precision enable (standby) thresholds.
8.3.5 Power Good Monitor (PGOOD)
The LM5146 provides a PGOOD flag pin to indicate when the output voltage is within a regulation window. Use
the PGOOD signal as shown in Figure 8-4 for start-up sequencing of downstream converters, fault protection,
and output monitoring. PGOOD is an open-drain output that requires a pullup resistor to a DC supply not greater
than 13 V. The typical range of pullup resistance is 10 kΩ to 100 kΩ. If necessary, use a resistor divider to
decrease the voltage from a higher voltage pullup rail.
5
FB
LM5146
1 EN/UVLO
RUV1
499 k
VOUT(MASTER) = 5 V
RFB1
RFB2
20 k
3.83 k
0.8 V
5
FB
LM5146
1
RPG
20 k
RFB3
RFB4
20 k
6.34 k
0.8 V
VOUT(SLAVE) = 3.3 V
VIN(on) = 15 V
VIN(off) = 10 V
Regulator #1
Start-up based on
input voltage UVLO
Regulator #2
Sequential start-up
based on PGOOD
PGOOD 10
PGOOD 10
RUV2
43.2 k
EN/UVLO
Figure 8-4. Master-Slave Sequencing Implementation Using PGOOD and EN/UVLO
When the FB voltage exceeds 94% of the internal reference VREF, the internal PGOOD switch turns off and
PGOOD can be pulled high by the external pullup. If the FB voltage falls below 92% of VREF, the internal
PGOOD switch turns on, and PGOOD is pulled low to indicate that the output voltage is out of regulation.
Similarly, when the FB voltage exceeds 108% of VREF, the internal PGOOD switch turns on, pulling PGOOD low.
If the FB voltage subsequently falls below 105% of VREF, the PGOOD switch is turned off and PGOOD is pulled
high. PGOOD has a built-in deglitch delay of 25 µs.
www.ti.com
LM5146
SNVSBV0A – JUNE 2021 – REVISED JUNE 2021
Copyright © 2021 Texas Instruments Incorporated
Submit Document Feedback
19
Product Folder Links: LM5146



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com