Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DU321RB Datasheet(PDF) 2 Page - Schneider Electric

Part # DU321RB
Description  Safety switch, general duty, non fusible, 30A, 3 poles, 7.5 hp, 240 VAC, NEMA 3R, bolt-on provision
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SCHNEIDER [Schneider Electric]
Direct Link  https://www.se.com/us/en/
Logo SCHNEIDER - Schneider Electric

DU321RB Datasheet(HTML) 2 Page - Schneider Electric

  DU321RB Datasheet HTML 1Page - Schneider Electric DU321RB Datasheet HTML 2Page - Schneider Electric DU321RB Datasheet HTML 3Page - Schneider Electric  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Environment
Certifications
UL listed file E2875
Ordering and shipping details
Category
00106 - D & DU SW,NEMA3R, 30-200A
Discount Schedule
DE1A
GTIN
00785901491620
Nbr. of units in pkg.
1
Package weight(Lbs)
4.85 lb(US) (2.20 kg)
Returnability
Yes
Country of origin
MX
Packing Units
Unit Type of Package 1
PCE
Package 1 Height
10.00 in (25.4 cm)
Package 1 width
7.60 in (19.304 cm)
Package 1 Length
5.20 in (13.208 cm)
Unit Type of Package 2
CAR
Number of Units in Package 2
5
Package 2 Weight
25.55 lb(US) (11.589 kg)
Package 2 Height
10.70 in (27.178 cm)
Package 2 width
10.40 in (26.416 cm)
Package 2 Length
23.90 in (60.706 cm)
Unit Type of Package 3
PAL
Number of Units in Package 3
160
Package 3 Weight
870.00 lb(US) (394.625 kg)
Package 3 Height
47.00 in (119.38 cm)
Package 3 width
40.00 in (101.6 cm)
Package 3 Length
48.00 in (121.92 cm)
Offer Sustainability
Sustainable offer status
Green Premium product
California proposition 65
WARNING: This product can expose you to chemicals including: Lead and lead compounds, which
is known to the State of California to cause cancer and birth defects or other reproductive harm. For
more information go to www.P65Warnings.ca.gov
REACh Regulation
REACh Declaration
REACh free of SVHC
Yes
EU RoHS Directive
Compliant
EU RoHS Declaration
Toxic heavy metal free
Yes
Mercury free
Yes
RoHS exemption information
Yes
China RoHS Regulation
China RoHS declaration
Pro-active China RoHS declaration (out of China RoHS legal scope)
Environmental Disclosure
Product Environmental Profile
PVC free
Yes
Contractual warranty
Warranty
18 months
2



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com