Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DU321RB Datasheet(PDF) 1 Page - Schneider Electric

Part # DU321RB
Description  Safety switch, general duty, non fusible, 30A, 3 poles, 7.5 hp, 240 VAC, NEMA 3R, bolt-on provision
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SCHNEIDER [Schneider Electric]
Direct Link  https://www.se.com/us/en/
Logo SCHNEIDER - Schneider Electric

DU321RB Datasheet(HTML) 1 Page - Schneider Electric

  DU321RB Datasheet HTML 1Page - Schneider Electric DU321RB Datasheet HTML 2Page - Schneider Electric DU321RB Datasheet HTML 3Page - Schneider Electric  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Product data sheet
Characteristics
DU321RB
Safety switch, general duty, non fusible, 30A,
3 poles, 7.5 hp, 240 VAC, NEMA 3R, bolt-on
provision
Product availability : Stock - Normally stocked in distribution facility
Price* : 293.00 USD
Main
Product
Single Throw Safety Switch
Duty Rating
General duty
Device application
Residential
Disconnect Type
Non-fusible disconnect switch
Factory Installed Neutral
None
Phase
3 phase
Number of Poles
3
Current Rating
30 A
Voltage Rating
240 V AC
Enclosure Rating NEMA
NEMA 3R
Maximum Horse Power Rating
3 hp 240 V at AC 60 Hz for 1 phase conforming to NEC 430.52
7.5 hp 240 V at AC 60 Hz for 3 phase conforming to NEC 430.52
Complementary
Mounting Type
Surface
Electrical Connection
Lugs
Wiring configuration
3-wire
Wire Size
AWG 14...AWG 6 copper
AWG 12...AWG 6 aluminium
Tightening torque
30 lbf.in (3.39 N.m) 0.00…0.02 in² (2.08…13.3 mm²) (AWG 14...AWG 6)
Depth
3.75 in (95.25 mm)
Width
7.75 in (196.85 mm)
Height
9.63 in (244.60 mm)
Net Weight
19.84 lb(US) (9 kg)
*  Price is “List Price” and may be subject to a trade discount – check with your local distributor or retailer for actual price.
Jun 23, 2021
1


Similar Part No. - DU321RB

ManufacturerPart #DatasheetDescription
logo
Schneider Electric
DU321 SCHNEIDER-DU321 Datasheet
118Kb / 2P
Safety switch, general duty, non fusible, 30A, 3 poles, 7.5 hp, 240 VAC, NEMA 1
Jun 23, 2021
More results

Similar Description - DU321RB

ManufacturerPart #DatasheetDescription
logo
Schneider Electric
H221NRBSPLO SCHNEIDER-H221NRBSPLO Datasheet
64Kb / 2P
Safety switch, heavy duty, fusible, 30A, 2 poles, 7.5 hp, 240 VAC/250 VDC, NEMA 3R, bolt-on, neutral, lock-on provision
Jun 21, 2021
DU324RB SCHNEIDER-DU324RB Datasheet
97Kb / 2P
Safety switch, general duty, non fusible, 200A, 3 poles, 60 hp, 240 VAC, NEMA 3R, bolt-on provision
Jun 23, 2021
DU323RB SCHNEIDER-DU323RB Datasheet
113Kb / 2P
Safety switch, general duty, non fusible, 100A, 3 poles, 30 hp, 240 VAC, NEMA 3R, bolt-on provision
Jun 23, 2021
DU322RB SCHNEIDER-DU322RB Datasheet
138Kb / 5P
Safety switch, general duty, non fusible, 60A, 3 poles, 15 hp, 240 VAC, NEMA 3R, bolt-on provision
Jun 23, 2021
DU321 SCHNEIDER-DU321 Datasheet
118Kb / 2P
Safety switch, general duty, non fusible, 30A, 3 poles, 7.5 hp, 240 VAC, NEMA 1
Jun 23, 2021
DU222RB SCHNEIDER-DU222RB Datasheet
139Kb / 4P
Safety switch, general duty, non fusible, 60A, 2 poles, 10 hp, 240 VAC, NEMA 3R, bolt-on provision
Jun 23, 2021
DU221RB SCHNEIDER-DU221RB Datasheet
135Kb / 3P
Safety switch, general duty, non fusible, 30A, 2 poles, 3 hp, 240 VAC, NEMA 3R, bolt-on provision
Jun 23, 2021
DT321RB SCHNEIDER-DT321RB Datasheet
96Kb / 2P
Safety switch, double throw, fusible, 30A, 240 VAC/250 VDC, 3 poles, 7.5 hp, NEMA 3R, bolt on provision
Jun 24, 2021
D321NRB SCHNEIDER-D321NRB Datasheet
132Kb / 3P
Safety switch, general duty, fusible, 30A, 3 poles, 7.5 hp, 240 VAC, NEMA 3R, bolt-on provision, neutral factory installed
Jun 23, 2021
D221NRB SCHNEIDER-D221NRB Datasheet
131Kb / 3P
Safety switch, general duty, fusible, 30A, 2 poles, 7.5 hp, 120 VAC, NEMA 3R, bolt-on provision, neutral factory installed
Jun 23, 2021
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com