Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M1EXT Datasheet(PDF) 6 Page - M-System Co.,Ltd.

Part # M1EXT
Description  2 Channel Super-mini Signal Conditioners with Display M1E-2 Series
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MSYSTEM [M-System Co.,Ltd.]
Direct Link  https://www.m-system.co.jp/
Logo MSYSTEM - M-System Co.,Ltd.

M1EXT Datasheet(HTML) 6 Page - M-System Co.,Ltd.

  M1EXT Datasheet HTML 1Page - M-System Co.,Ltd. M1EXT Datasheet HTML 2Page - M-System Co.,Ltd. M1EXT Datasheet HTML 3Page - M-System Co.,Ltd. M1EXT Datasheet HTML 4Page - M-System Co.,Ltd. M1EXT Datasheet HTML 5Page - M-System Co.,Ltd. M1EXT Datasheet HTML 6Page - M-System Co.,Ltd. M1EXT Datasheet HTML 7Page - M-System Co.,Ltd. M1EXT Datasheet HTML 8Page - M-System Co.,Ltd. M1EXT Datasheet HTML 9Page - M-System Co.,Ltd.  
Zoom Inzoom in Zoom Outzoom out
 6 / 9 page
background image
MODEL: M1EXT-2
M1EXT-2 SPECIFICATIONS
ES-5985 Rev.2 Page 6/9
https://www.m-system.co.jp/
PARAMETER LIST
It is available to configure or confirm settings shown below by using front button. Configuring or confirming with PC is
available when using M1E configurator software (model: M1ECFG).
MODE
ITEM
SETTING PARAMETER
RANGE
UNIT
INITIAL VALUE
Ch1 setting
01
Lockout setting
Lock / Unlock
—
Lock
09
Ch1 Temperature unit
°C / °F / K
—
°C
11
Ch1 Input range
(PR)
K (CA)
E (CRC)
J (IC)
T (CC)
B (RH)
R
S
C (WRe 5-26)
N
U
L
P (Platinel II)
—
K (CA)
12
Ch1 0 % input setting
(PR) : 0.0 – 1740.0
K (CA) : -270.0 – 1350.0
E (CRC) : -270.0 – 980.0
J (IC) : -210.0 – 1180.0
T (CC) : -270.0 – 380.0
B (RH) : 0.0 – 1800.0
R : -50.0 – 1740.0
S : -50.0 – 1740.0
C (Wre 5-26) : 0.0 – 2295.0
N : -270.0 – 1280.0
U : -200.0 – 580.0
L : -200.0 – 880.0
P (Platinel II) : 0.0 – 1375.0
°C
0.0
13
Ch1 100 % input setting
(PR) : 20.0 – 1760.0
K (CA) : -250.0 – 1370.0
E (CRC) : -250.0 – 1000.0
J (IC) : -190.0 – 1200.0
T (CC) : -250.0 – 400.0
B (RH) : 20.0 – 1820.0
R : -30.0 – 1760.0
S : -30.0 – 1760.0
C (Wre 5-26) : 20.0 – 2315.0
N : -250.0 – 1300.0
U : -180.0 – 600.0
L : -180.0 – 900.0
P (Platinel II) : 20.0 – 1395.0
°C
1000.0
16
Ch1 Input decimal point
No decimal point
The number of decimal places : 1 or 2
—
1 place of decimals
18
Ch1 Output range
0 – 20 mA
-5 – +5 V
-10 – +10 V
—
0 – 20 mA
19
Ch1 0 % output setting
0.000 – 19.000
-5.000 – 4.750
-10.000 – 9.000
mA
V
V
4.000
20
Ch1 100 % output setting
1.000 – 20.000
-4.750 – 5.000
-9.000 – 10.000
mA
V
V
20.000
74
Ch1 Burnout
None / Down / Up
—
Up
77
Ch1 Cold junction compensation
CJM / FXD TEMP
—
CJM
78
Ch1 Preset xed terminal temperature
-50.00 – 100.00*
°C
0.00
79
Ch1 Filter time constant
0 – 30
Sec.
0
80
Ch1 Input zero ne adjust
-10.00 – 10.00*
°C
0.00
81
Ch1 Input span ne adjust
-10.00 – 10.00*
°C
0.00
82
Ch1 Output zero ne adjust
-5.000 – 5.000
%
0.000
83
Ch1 Output span ne adjust
95.000 – 105.000
%
100.000
89
Ch1 Loop test
-10.00 – 110.00
%
Cancel



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com