Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M1EXT Datasheet(PDF) 1 Page - M-System Co.,Ltd.

Part # M1EXT
Description  2 Channel Super-mini Signal Conditioners with Display M1E-2 Series
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MSYSTEM [M-System Co.,Ltd.]
Direct Link  https://www.m-system.co.jp/
Logo MSYSTEM - M-System Co.,Ltd.

M1EXT Datasheet(HTML) 1 Page - M-System Co.,Ltd.

  M1EXT Datasheet HTML 1Page - M-System Co.,Ltd. M1EXT Datasheet HTML 2Page - M-System Co.,Ltd. M1EXT Datasheet HTML 3Page - M-System Co.,Ltd. M1EXT Datasheet HTML 4Page - M-System Co.,Ltd. M1EXT Datasheet HTML 5Page - M-System Co.,Ltd. M1EXT Datasheet HTML 6Page - M-System Co.,Ltd. M1EXT Datasheet HTML 7Page - M-System Co.,Ltd. M1EXT Datasheet HTML 8Page - M-System Co.,Ltd. M1EXT Datasheet HTML 9Page - M-System Co.,Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
MODEL: M1EXT-2
M1EXT-2 SPECIFICATIONS
ES-5985 Rev.2 Page 1/9
https://www.m-system.co.jp/
2 Channel Super-mini Signal Conditioners
with Display M1E-2 Series
THERMOCOUPLE TRANSMITTER
(2 channels, PC programmable)
Functions & Features
• Accepts direct input from a thermocouple and provides a
linearized process signal
• Wide selection of thermocouples
• 2 channels
• Adjustments with the front button
• OEL display with good visibility
Typical Applications
• Small burnout sensing current enables long distance
transmission with minimum offset drifts
• Electric furnace (isolation)
• No burnout type can connect to a single T/C in parallel
with a recorder
36 (1.42)
mm (inch)
Note: The gure shows the combination
of the unit and the base.
99
(3.90)
125 (4.92)
MODEL: M1EXT-2–[1][2]
ORDERING INFORMATION
• Code number: M1EXT-2-[1][2]
Specify a code from below for each of [1] and [2].
(e.g. M1EXT-2-M2/Q)
• Specify the specification for option code /Q
(e.g. /C01/SET)
NO. OF CHANNELS
2: 2 channels
INPUT – Field-selectable
Thermocouple
(PR), K (CA), E (CRC), J (IC), T (CC), B (RH), R, S, C (WRe 5-26),
N, U, L, P (Platinel II)
OUTPUT – Field-selectable
◆ DC Output
• Current output: 0 - 20 mA DC
• Voltage output: -5 - +5 V DC
• Voltage output: -10 - +10 V DC
[1] POWER INPUT
AC Power
M2: 100 – 240 V AC (Operational voltage range 85 – 264 V,
47 – 66 Hz)
DC Power
R: 24 V DC
(Operational voltage range 24 V ±10 %, ripple 10 %p-p max.)
P: 110 V DC
(Operational voltage range 85 – 150 V, ripple 10 %p-p max.)
[2] OPTIONS
blank: none
/Q: With options (specify the specification)
SPECIFICATIONS OF OPTION: Q (multiple selections)
COATING (For the detail, refer to M-System's web site.)
/C01: Silicone coating
/C02: Polyurethane coating
/C03: Rubber coating
EX-FACTORY SETTING
/SET: Preset according to the Ordering Information Sheet
(No. ESU-5985)
RELATED PRODUCTS
• Installation base (model: M1E-BS2)
• M1E configurator software (model: M1ECFG)
Downloadable at M-System’s web site.
A dedicated cable is required to connect the module to the
PC. Please refer to the internet software download site or
the users manual (EM-5981) for the M1E configurator for
applicable cable types.
GENERAL SPECIFICATIONS
Construction: Plug-in
Connection
• Connected to base with connector
• Base
M2.6 screw terminals (torque: 0.5 N·m)
Applicable solderless terminal size (M3)
Screw terminal: Nickel-plated steel
Housing material: Flame-resistant resin (black)
Isolation: Ch1.input to ch2.input to Ch1.output to ch2.output


Similar Part No. - M1EXT

ManufacturerPart #DatasheetDescription
logo
M-System Co.,Ltd.
M1EXT-2 MSYSTEM-M1EXT-2 Datasheet
334Kb / 9P
2 Channel Super-mini Signal Conditioners with Display M1E-2 Series
M1EXT-2-M2/C01 MSYSTEM-M1EXT-2-M2/C01 Datasheet
334Kb / 9P
2 Channel Super-mini Signal Conditioners with Display M1E-2 Series
M1EXT-2-M2/C02 MSYSTEM-M1EXT-2-M2/C02 Datasheet
334Kb / 9P
2 Channel Super-mini Signal Conditioners with Display M1E-2 Series
M1EXT-2-M2/C03 MSYSTEM-M1EXT-2-M2/C03 Datasheet
334Kb / 9P
2 Channel Super-mini Signal Conditioners with Display M1E-2 Series
M1EXT-2-M2/SET MSYSTEM-M1EXT-2-M2/SET Datasheet
334Kb / 9P
2 Channel Super-mini Signal Conditioners with Display M1E-2 Series
More results

Similar Description - M1EXT

ManufacturerPart #DatasheetDescription
logo
M-System Co.,Ltd.
M1EXV-2 MSYSTEM-M1EXV-2 Datasheet
271Kb / 7P
2 Channel Super-mini Signal Conditioners with Display M1E-2 Series
M1EXT-2 MSYSTEM-M1EXT-2 Datasheet
334Kb / 9P
2 Channel Super-mini Signal Conditioners with Display M1E-2 Series
M1EXS-2 MSYSTEM-M1EXS-2 Datasheet
273Kb / 7P
2 Channel Super-mini Signal Conditioners with Display M1E-2 Series
M1EXR-2 MSYSTEM-M1EXR-2 Datasheet
280Kb / 8P
2 Channel Super-mini Signal Conditioners with Display M1E-2 Series
M1EXM-2 MSYSTEM-M1EXM-2 Datasheet
270Kb / 7P
2 Channel Super-mini Signal Conditioners with Display M1E-2 Series
M1EXV MSYSTEM-M1EXV Datasheet
271Kb / 7P
2 Channel Super-mini Signal Conditioners with Display M1E-2 Series
M1EXS MSYSTEM-M1EXS Datasheet
273Kb / 7P
2 Channel Super-mini Signal Conditioners with Display M1E-2 Series
M1EXR MSYSTEM-M1EXR Datasheet
280Kb / 8P
2 Channel Super-mini Signal Conditioners with Display M1E-2 Series
M1EXM MSYSTEM-M1EXM Datasheet
270Kb / 7P
2 Channel Super-mini Signal Conditioners with Display M1E-2 Series
M1EAXV2 MSYSTEM-M1EAXV2 Datasheet
320Kb / 10P
2 Channel Super-mini Signal Conditioners with Display M1E-2 Series
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com