Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M1EXR-2-R Datasheet(PDF) 5 Page - M-System Co.,Ltd.

Part # M1EXR-2-R
Description  2 Channel Super-mini Signal Conditioners with Display M1E-2 Series
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MSYSTEM [M-System Co.,Ltd.]
Direct Link  https://www.m-system.co.jp/
Logo MSYSTEM - M-System Co.,Ltd.

M1EXR-2-R Datasheet(HTML) 5 Page - M-System Co.,Ltd.

  M1EXR-2-R Datasheet HTML 1Page - M-System Co.,Ltd. M1EXR-2-R Datasheet HTML 2Page - M-System Co.,Ltd. M1EXR-2-R Datasheet HTML 3Page - M-System Co.,Ltd. M1EXR-2-R Datasheet HTML 4Page - M-System Co.,Ltd. M1EXR-2-R Datasheet HTML 5Page - M-System Co.,Ltd. M1EXR-2-R Datasheet HTML 6Page - M-System Co.,Ltd. M1EXR-2-R Datasheet HTML 7Page - M-System Co.,Ltd. M1EXR-2-R Datasheet HTML 8Page - M-System Co.,Ltd.  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
MODEL: M1EXR-2
M1EXR-2 SPECIFICATIONS
ES-5984 Rev.2 Page 5/8
https://www.m-system.co.jp/
PARAMETER LIST
It is available to con gure or con rm settings shown below by using front button. Con guring or con rming with PC is
available when using M1E con gurator software (model: M1ECFG).
MODE
ITEM
SETTING PARAMETER
RANGE
UNIT
INITIAL VALUE
Ch1 setting
01
Lockout setting
Lock / Unlock
—
Lock
09
Ch1 Temperature unit
°C / °F / K
—
°C
11
Ch1 Input range
JPt 100 (JIS ’89)
Pt 100 (JIS ’89)
Pt 100 (JIS ’97, IEC)
Pt 50 Ω (JIS ’81)
Ni 508.4 Ω
Pt 1000
Ni 100
Cu 10 @ 25°C
—
Pt 100 (JIS ’97, IEC)
12
Ch1 0 % input setting
JPt 100 (JIS ’89) : -200.00 – 480.00
Pt 100 (JIS ’89) : -200.00 – 630.00
Pt 100 (JIS ’97, IEC) : -200.00 – 830.00
Pt 50 Ω (JIS ’81) : -200.00 – 629.00
Ni 508.4 Ω : -50.00 – 180.00
Pt 1000 : -200.00 – 830.00
Ni 100 : -50.00 – 180.00
Cu 10 @ 25°C : -50.00 – 230.00
°C
0.0
13
Ch1 100 % input setting
JPt 100 (JIS ’89) : -180.00 – 500.00
Pt 100 (JIS ’89) : -180.00 – 650.00
Pt 100 (JIS ’97, IEC) : -180.00 – 850.00
Pt 50 Ω (JIS ’81) : -180.00 – 649.00
Ni 508.4 Ω : -30.00 – 200.00
Pt 1000 : -180.00 – 850.00
Ni 100 : -30.00 – 200.00
Cu 10 @ 25°C : -30.00 – 250.00
°C
100.0
16
Ch1 Input decimal point
No decimal point
The number of decimal places : 1 or 2
—
1 place of decimals
18
Ch1 Output range
0 – 20 mA
-5 – +5 V
-10 – +10 V
—
0 – 20 mA
19
Ch1 0 % output setting
0.000 – 19.000
-5.000 – 4.750
-10.000 – 9.000
mA
V
V
4.000
20
Ch1 100 % output setting
1.000 – 20.000
-4.750 – 5.000
-9.000 – 10.000
mA
V
V
20.000
74
Ch1 Burnout
None / Down / Up
—
Up
75
Ch1 Sensor wires
2 Wires / 3 Wires
—
3 Wires
76
Ch1 Wire resistance
0.000 – 50.000*
Ω
0.000
79
Ch1 Filter time constant
0 – 30
Sec.
0
80
Ch1 Input zero ne adjust
-10.00 – 10.00*
°C
0.00
81
Ch1 Input span ne adjust
-10.00 – 10.00*
°C
0.00
82
Ch1 Output zero ne adjust
-5.000 – 5.000
%
0.000
83
Ch1 Output span ne adjust
95.000 – 105.000
%
100.000
89
Ch1 Loop test
-10.00 – 110.00
%
Cancel



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com