Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M1EXR-2-R Datasheet(PDF) 6 Page - M-System Co.,Ltd.

Part # M1EXR-2-R
Description  2 Channel Super-mini Signal Conditioners with Display M1E-2 Series
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MSYSTEM [M-System Co.,Ltd.]
Direct Link  https://www.m-system.co.jp/
Logo MSYSTEM - M-System Co.,Ltd.

M1EXR-2-R Datasheet(HTML) 6 Page - M-System Co.,Ltd.

  M1EXR-2-R Datasheet HTML 1Page - M-System Co.,Ltd. M1EXR-2-R Datasheet HTML 2Page - M-System Co.,Ltd. M1EXR-2-R Datasheet HTML 3Page - M-System Co.,Ltd. M1EXR-2-R Datasheet HTML 4Page - M-System Co.,Ltd. M1EXR-2-R Datasheet HTML 5Page - M-System Co.,Ltd. M1EXR-2-R Datasheet HTML 6Page - M-System Co.,Ltd. M1EXR-2-R Datasheet HTML 7Page - M-System Co.,Ltd. M1EXR-2-R Datasheet HTML 8Page - M-System Co.,Ltd.  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
MODEL: M1EXR-2
M1EXR-2 SPECIFICATIONS
ES-5984 Rev.2 Page 6/8
https://www.m-system.co.jp/
MODE
ITEM
SETTING PARAMETER
RANGE
UNIT
INITIAL VALUE
Ch2 setting
109
Ch2 Temperature unit
°C / °F / K
—
°C
111
Ch2 Input range
JPt 100 (JIS ’89)
Pt 100 (JIS ’89)
Pt 100 (JIS ’97, IEC)
Pt 50 Ω (JIS ’81)
Ni 508.4 Ω
Pt 1000
Ni 100
Cu 10 @ 25°C
—
Pt 100 (JIS ’97, IEC)
112
Ch2 0 % input setting
JPt 100 (JIS ’89) : -200.00 – 480.00
Pt 100 (JIS ’89) : -200.00 – 630.00
Pt 100 (JIS ’97, IEC) : -200.00 – 830.00
Pt 50 Ω (JIS ’81) : -200.00 – 629.00
Ni 508.4 Ω : -50.00 – 180.00
Pt 1000 : -200.00 – 830.00
Ni 100 : -50.00 – 180.00
Cu 10 @ 25°C : -50.00 – 230.00
°C
0.0
113
Ch2 100 % input setting
JPt 100 (JIS ’89) : -180.00 – 500.00
Pt 100 (JIS ’89) : -180.00 – 650.00
Pt 100 (JIS ’97, IEC) : -180.00 – 850.00
Pt 50 Ω (JIS ’81) : -180.00 – 649.00
Ni 508.4 Ω : -30.00 – 200.00
Pt 1000 : -180.00 – 850.00
Ni 100 : -30.00 – 200.00
Cu 10 @ 25°C : -30.00 – 250.00
°C
100.0
116
Ch2 Input decimal point
No decimal point
The number of decimal places : 1 or 2
—
1 place of decimals
118
Ch2 Output range
0 – 20 mA
-5 – +5 V
-10 – +10 V
—
0 – 20 mA
119
Ch2 0 % output setting
0.000 – 19.000
-5.000 – 4.750
-10.000 – 9.000
mA
V
V
4.000
120
Ch2 100 % output setting
1.000 – 20.000
-4.750 – 5.000
-9.000 – 10.000
mA
V
V
20.000
174
Ch2 Burnout
None / Down / Up
—
Up
175
Ch2 Sensor wires
2 Wires / 3 Wires
—
3 Wires
176
Ch2 Wire resistance
0.000 – 50.000*
Ω
0.000
179
Ch2 Filter time constant
0 – 30
Sec.
0
180
Ch2 Input zero ne adjust
-10.00 – 10.00*
°C
0.00
181
Ch2 Input span ne adjust
-10.00 – 10.00*
°C
0.00
182
Ch2 Output zero ne adjust
-5.000 – 5.000
%
0.000
183
Ch2 Output span ne adjust
95.000 – 105.000
%
100.000
189
Ch2 Loop test
-10.00 – 110.00
%
Cancel
01
Lockout setting
Lock / Unlock
—
Lock
Advanced
201
Display setting
Upper: choose from 8 types*
Lower: choose from 9 types*
—
Upper: Ch1 INPUT
Lower: Ch2 INPUT
202
Channel enable
Choose from 3 types*
—
Ch1 enable
Ch2 enable
203
Brightness
1 (darkest) – 4 (brightest)
—
4
204
Display timeout
0 (always on), 1 – 60
min.
10
205
Reset all settings
OFF / RESET
—
OFF
206
Version indication
—
—
—
01
Lockout setting
Lock / Unlock
—
Lock
* For detailed types, refer to the operating manual (EM-5984-B).



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com