Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M1EAXV-2-2-R Datasheet(PDF) 8 Page - M-System Co.,Ltd.

Part # M1EAXV-2-2-R
Description  2 Channel Super-mini Signal Conditioners with Display M1E-2 Series
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MSYSTEM [M-System Co.,Ltd.]
Direct Link  https://www.m-system.co.jp/
Logo MSYSTEM - M-System Co.,Ltd.

M1EAXV-2-2-R Datasheet(HTML) 8 Page - M-System Co.,Ltd.

Back Button M1EAXV-2-2-R Datasheet HTML 2Page - M-System Co.,Ltd. M1EAXV-2-2-R Datasheet HTML 3Page - M-System Co.,Ltd. M1EAXV-2-2-R Datasheet HTML 4Page - M-System Co.,Ltd. M1EAXV-2-2-R Datasheet HTML 5Page - M-System Co.,Ltd. M1EAXV-2-2-R Datasheet HTML 6Page - M-System Co.,Ltd. M1EAXV-2-2-R Datasheet HTML 7Page - M-System Co.,Ltd. M1EAXV-2-2-R Datasheet HTML 8Page - M-System Co.,Ltd. M1EAXV-2-2-R Datasheet HTML 9Page - M-System Co.,Ltd. M1EAXV-2-2-R Datasheet HTML 10Page - M-System Co.,Ltd.  
Zoom Inzoom in Zoom Outzoom out
 8 / 10 page
background image
MODEL: M1EAXV-2
M1EAXV-2 SPECIFICATIONS
ES-5995 Rev.2 Page 8/10
https://www.m-system.co.jp/
EXTERNAL DIMENSIONS & TERMINAL ASSIGNMENTS unit: mm [inch]
125 (4.92)
36 (1.42)
45 (1.77)
[4 (.16)]
DIN RAIL
35mm wide
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
17
18
19
20
* Base does not come with the unit.
Please order separately.
MOUNTING REQUIREMENTS unit: mm [inch]
2–M4 SCREW
* Mounting requirements for base.



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com