Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M1EAXV-2-2-R Datasheet(PDF) 9 Page - M-System Co.,Ltd.

Part # M1EAXV-2-2-R
Description  2 Channel Super-mini Signal Conditioners with Display M1E-2 Series
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MSYSTEM [M-System Co.,Ltd.]
Direct Link  https://www.m-system.co.jp/
Logo MSYSTEM - M-System Co.,Ltd.

M1EAXV-2-2-R Datasheet(HTML) 9 Page - M-System Co.,Ltd.

Back Button M1EAXV-2-2-R Datasheet HTML 2Page - M-System Co.,Ltd. M1EAXV-2-2-R Datasheet HTML 3Page - M-System Co.,Ltd. M1EAXV-2-2-R Datasheet HTML 4Page - M-System Co.,Ltd. M1EAXV-2-2-R Datasheet HTML 5Page - M-System Co.,Ltd. M1EAXV-2-2-R Datasheet HTML 6Page - M-System Co.,Ltd. M1EAXV-2-2-R Datasheet HTML 7Page - M-System Co.,Ltd. M1EAXV-2-2-R Datasheet HTML 8Page - M-System Co.,Ltd. M1EAXV-2-2-R Datasheet HTML 9Page - M-System Co.,Ltd. M1EAXV-2-2-R Datasheet HTML 10Page - M-System Co.,Ltd.  
Zoom Inzoom in Zoom Outzoom out
 9 / 10 page
background image
MODEL: M1EAXV-2
M1EAXV-2 SPECIFICATIONS
ES-5995 Rev.2 Page 9/10
https://www.m-system.co.jp/
SCHEMATIC CIRCUITRY & CONNECTION DIAGRAM
Front
Button
Display
Circuit
RY
RY
RY
RY
28Ω
Low Drift
Amplifier
5
8
9
10
15
Low Drift
Amplifier
3
4
28Ω
RY
RY
RY
RY
14
13
18
17
16
12
11
6
7
2
1
19
20
15
14
13
18
17
16
12
11
6
7
2
1
Channel 1
Channel 2
+
–
INPUT
CURRENT
INPUT
VOLTAGE
+
–
+
–
INPUT
CURRENT
INPUT
VOLTAGE
+
–
Digital
Computation
Circuit
Isolation
Isolation
CONFIGURATOR
JACK
Base
1L4 OUTPUT
1L1 OUTPUT
COM1
1L3 OUTPUT
1L2 OUTPUT
COM2
2L4 OUTPUT
2L1 OUTPUT
COM3
2L3 OUTPUT
2L2 OUTPUT
COM4
POWER
+
–
Channel 1
Channel 2
1L4 OUTPUT
1L1 OUTPUT
COM1
1L3 OUTPUT
1L2 OUTPUT
COM2
2L4 OUTPUT
2L1 OUTPUT
COM3
2L3 OUTPUT
2L2 OUTPUT
COM4
■ OUTPUT CODE 2: N.O. RELAY
■ OUTPUT CODE 3: N.C. RELAY



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com