Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTWT Datasheet(PDF) 4 Page - M-System Co.,Ltd.

Part # LTWT
Description  Power Transducer Series LT-UNIT
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MSYSTEM [M-System Co.,Ltd.]
Direct Link  https://www.m-system.co.jp/
Logo MSYSTEM - M-System Co.,Ltd.

LTWT Datasheet(HTML) 4 Page - M-System Co.,Ltd.

  LTWT Datasheet HTML 1Page - M-System Co.,Ltd. LTWT Datasheet HTML 2Page - M-System Co.,Ltd. LTWT Datasheet HTML 3Page - M-System Co.,Ltd. LTWT Datasheet HTML 4Page - M-System Co.,Ltd. LTWT Datasheet HTML 5Page - M-System Co.,Ltd. LTWT Datasheet HTML 6Page - M-System Co.,Ltd. LTWT Datasheet HTML 7Page - M-System Co.,Ltd. LTWT Datasheet HTML 8Page - M-System Co.,Ltd. LTWT Datasheet HTML 9Page - M-System Co.,Ltd.  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
MODEL: LTWT
LTWT SPECIFICATIONS
ES-3355 Rev.18 Page 4/9
https://www.m-system.co.jp/
(voltage input to current input to DC output to pulse output
to auxiliary power to ground)
Impulse withstand voltage: 1.2 / 50 μsec., ±5 kV
(input to output or ground)
STANDARDS & APPROVALS
EU conformity:
EMC Directive
EMI EN 61000-6-4
EMS EN 61000-6-2
Low Voltage Directive
EN 61010-1
Measurement Category II (input)
Installation Category II (auxiliary power)
Pollution Degree 2
Input to output or auxiliary power: Reinforced insulation
(550 V)
Output to auxiliary power: Reinforced insulation (300 V)
RoHS Directive



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com