Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTWT Datasheet(PDF) 1 Page - M-System Co.,Ltd.

Part # LTWT
Description  Power Transducer Series LT-UNIT
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MSYSTEM [M-System Co.,Ltd.]
Direct Link  https://www.m-system.co.jp/
Logo MSYSTEM - M-System Co.,Ltd.

LTWT Datasheet(HTML) 1 Page - M-System Co.,Ltd.

  LTWT Datasheet HTML 1Page - M-System Co.,Ltd. LTWT Datasheet HTML 2Page - M-System Co.,Ltd. LTWT Datasheet HTML 3Page - M-System Co.,Ltd. LTWT Datasheet HTML 4Page - M-System Co.,Ltd. LTWT Datasheet HTML 5Page - M-System Co.,Ltd. LTWT Datasheet HTML 6Page - M-System Co.,Ltd. LTWT Datasheet HTML 7Page - M-System Co.,Ltd. LTWT Datasheet HTML 8Page - M-System Co.,Ltd. LTWT Datasheet HTML 9Page - M-System Co.,Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
MODEL: LTWT
LTWT SPECIFICATIONS
ES-3355 Rev.18 Page 1/9
https://www.m-system.co.jp/
Power Transducer Series LT-UNIT
WATT TRANSDUCER
Functions & Features
• Provides a DC output signal and a pulse totalizer signal in
proportion to AC active power
• Convenient pulse unit output (Wh×10n)
• Measuring bidirectional power flow
• DC output containing little ripple is ideal for computer
input
• “Time division multiplication” method accepts distorted
waveforms
• Isolation up to 2000 V AC
• High-density mounting
• Conforms to IEC 60688
Typical Applications
• Centralized monitoring and control of power management
system in a manufacturing facility or building
• SCR – Silicon Controlled Rectifier
143 (5.63)
111
(4.37)
72
(2.83)
mm (inch)
MODEL: LTWT–[1][2][3][4][5]–[6][7]
ORDERING INFORMATION
• Code number: LTWT–[1][2][3][4][5]–[6][7]
Specify a code from below for each of [1] through [7].
(e.g. LTWT-115A2-R/T/Q)
• Special output range (For codes Z & 0)
• Specify the specification for option code /Q
(e.g. /C01)
• Use Ordering Information Sheet (No. ESU-3355).
How to determine Pulse Unit
[Example]
3-phase / 3-wire, VT 3300/110 V, CT 250/5 A,
calibration range 750 W
10 [kWh/pulse] ÷ ((3300÷110) × (250÷5))
= 6.666 × 10–3 [kWh/pulse]
= 6.666 [Wh/pulse]
Check that the required pulse unit is within the available
frequency range, 0.006 – 3.12 Hz.
Input Range [W] ÷ (Calculated Pulse × 3600 [s])
= 750 ÷ (6.666 × 3600)
= 0.03125 [Hz]
[1] CONFIGURATION
1: 3-phase / 3-wire
2: Single-phase / 2-wire
3: Single-phase / 3-wire
4: 3-phase / 4-wire
[2] VT INPUT (unbalanced load)
For 3-phase / 4-wire, phase voltages (e.g. 110 V / √3 ) are used.
1: 100, 110, 115, 120 V AC
(Not selectable for single-phase / 3-wire system.)
2: 190, 200, 210, 220, 230, 240 V AC
(Not selectable for single-phase / 3-wire system.)
4: 380, 400, 415, 430, 440, 480 V AC
(Not selectable for single-phase / 3-wire system.)
A: 100 V / 200 V AC
(single-phase / 3-wire only)
[3] CT INPUT (unbalanced load)
Current
1: 1 A AC
2: 2 A AC
5: 5 A AC
[4] DC OUTPUT
Current
A: 4 – 20 mA DC (Load resistance 500 Ω max.)
D: 0 – 20 mA DC(Load resistance 500 Ω max.)
F: 0 – 10 mA DC (Load resistance 1000 Ω max.)
G: 0 – 1 mA DC (Load resistance 10 kΩ max.)
J: 0 – 5 mA DC (Load resistance 2000 Ω max.)
FW: -10 – +10 mA DC (Load resistance 1000 Ω max.)
GW: -1 – +1 mA DC (Load resistance 10 kΩ max.)
JW: -5 – +5 mA DC (Load resistance 2000 Ω max.)
Z: Specify current (See OUTPUT SPECIFICATIONS)
Voltage
1: 0 – 10 mV DC (Load resistance 10 kΩ min.)
2: 0 – 100 mV DC (Load resistance 100 kΩ min.)
3: 0 – 1 V DC (Load resistance 1000 Ω min.)
4: 0 – 10 V DC (Load resistance 10 kΩ min.)
5: 0 – 5 V DC (Load resistance 5000 Ω min.)
6: 1 – 5 V DC (Load resistance 5000 Ω min.)
1W: -10 – +10 mV DC (Load resistance 10 kΩ min.)
2W: -100 – +100 mV DC (Load resistance 100 kΩ min.)
3W: -1 – +1 V DC (Load resistance 1000 Ω min.)


Similar Part No. - LTWT

ManufacturerPart #DatasheetDescription
logo
M-System Co.,Ltd.
LTWTN MSYSTEM-LTWTN Datasheet
130Kb / 5P
Power Transducer Series LT-UNIT
LTWTN-11110 MSYSTEM-LTWTN-11110 Datasheet
130Kb / 5P
Power Transducer Series LT-UNIT
LTWTN-11110/Q MSYSTEM-LTWTN-11110/Q Datasheet
130Kb / 5P
Power Transducer Series LT-UNIT
LTWTN-11110/T MSYSTEM-LTWTN-11110/T Datasheet
130Kb / 5P
Power Transducer Series LT-UNIT
LTWTN-11111 MSYSTEM-LTWTN-11111 Datasheet
130Kb / 5P
Power Transducer Series LT-UNIT
More results

Similar Description - LTWT

ManufacturerPart #DatasheetDescription
logo
M-System Co.,Ltd.
LTHZ MSYSTEM-LTHZ Datasheet
107Kb / 3P
Power Transducer Series LT-UNIT
LTRPN MSYSTEM-LTRPN Datasheet
125Kb / 3P
Power Transducer Series LT-UNIT
LTRP MSYSTEM-LTRP Datasheet
156Kb / 7P
Power Transducer Series LT-UNIT
LTPFUN MSYSTEM-LTPFUN Datasheet
115Kb / 3P
Power Transducer Series LT-UNIT
LTPFU MSYSTEM-LTPFU Datasheet
121Kb / 4P
Power Transducer Series LT-UNIT
LTPE MSYSTEM-LTPE Datasheet
99Kb / 3P
Power Transducer Series LT-UNIT
LTPAUN MSYSTEM-LTPAUN Datasheet
115Kb / 3P
Power Transducer Series LT-UNIT
LTPAU MSYSTEM-LTPAU Datasheet
121Kb / 4P
Power Transducer Series LT-UNIT
LTPAN MSYSTEM-LTPAN Datasheet
114Kb / 3P
Power Transducer Series LT-UNIT
LTPA MSYSTEM-LTPA Datasheet
118Kb / 3P
Power Transducer Series LT-UNIT
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com