Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DTU321 Datasheet(PDF) 2 Page - Schneider Electric

Part # DTU321
Description  Safety switch, double throw, non fusible, 30A, 240 VAC/250 VDC, 3 poles, 10 hp, NEMA 1
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SCHNEIDER [Schneider Electric]
Direct Link  https://www.se.com/us/en/
Logo SCHNEIDER - Schneider Electric

DTU321 Datasheet(HTML) 2 Page - Schneider Electric

  DTU321 Datasheet HTML 1Page - Schneider Electric DTU321 Datasheet HTML 2Page - Schneider Electric  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Height
29.94 in (760.48 mm)
Net Weight
39.00 lb(US) (17.69 kg)
Environment
Certifications
UL Listed
Ordering and shipping details
Category
00033 - DT SWITCH,NEMA1
Discount Schedule
DE1
GTIN
00785901174530
Nbr. of units in pkg.
1
Package weight(Lbs)
35.04 lb(US) (15.89 kg)
Returnability
Yes
Country of origin
US
Packing Units
Unit Type of Package 1
PCE
Package 1 Height
10.30 in (26.162 cm)
Package 1 width
12.40 in (31.496 cm)
Package 1 Length
33.00 in (83.82 cm)
Offer Sustainability
Sustainable offer status
Green Premium product
California proposition 65
WARNING: This product can expose you to chemicals including: Lead and lead compounds, which
is known to the State of California to cause cancer and birth defects or other reproductive harm. For
more information go to www.P65Warnings.ca.gov
REACh Regulation
REACh Declaration
REACh free of SVHC
Yes
EU RoHS Directive
Compliant
EU RoHS Declaration
Toxic heavy metal free
Yes
Mercury free
Yes
RoHS exemption information
Yes
China RoHS Regulation
China RoHS declaration
Pro-active China RoHS declaration (out of China RoHS legal scope)
Environmental Disclosure
Product Environmental Profile
Contractual warranty
Warranty
18 months
2



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com