Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DTU321 Datasheet(PDF) 1 Page - Schneider Electric

Part # DTU321
Description  Safety switch, double throw, non fusible, 30A, 240 VAC/250 VDC, 3 poles, 10 hp, NEMA 1
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SCHNEIDER [Schneider Electric]
Direct Link  https://www.se.com/us/en/
Logo SCHNEIDER - Schneider Electric

DTU321 Datasheet(HTML) 1 Page - Schneider Electric

  DTU321 Datasheet HTML 1Page - Schneider Electric DTU321 Datasheet HTML 2Page - Schneider Electric  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Product data sheet
Characteristics
DTU321
Safety switch, double throw, non fusible, 30A, 240
VAC/250 VDC, 3 poles, 10 hp, NEMA 1
Product availability : Stock - Normally stocked in distribution facility
Price* : 804.00 USD
Main
Product
Double Throw Safety Switch
Duty Rating
General duty
Disconnect Type
Non-fusible disconnect switch
Factory Installed Neutral
None
Number of Poles
3
Current Rating
30 A
Voltage Rating
240 V AC
250 V DC
Enclosure Rating
NEMA 1
Maximum Horse Power Rating
3 hp 240 V at AC 50-60 Hz for 3 phase conforming to NEC 240.6
5 hp 240 V at AC 50-60 Hz for 1 phase conforming to NEC 430.52
10 hp 250 V at AC 50-60 Hz for 3 phase conforming to NEC 430.52
5 hp
Complementary
Short-circuit current
10 kA H or K
200 kA R, J or T
Fuse type
H or K
R, J or T
Mounting Type
Surface
Wire Size
AWG 12...AWG 2 aluminium
AWG 14...AWG 2 copper
Tightening torque
35 lbf.in (3.95 N.m) 0.00…0.01 in² (2.08…5.26 mm²) (AWG 14...AWG 10)
40 lbf.in (4.52 N.m) 0.01 in² (8.37 mm²) (AWG 8)
45 lbf.in (5.08 N.m) 0.02…0.03 in² (13.3…21.15 mm²) (AWG 6...AWG 4)
50 lbf.in (5.65 N.m) 0.04…0.05 in² (26.67…33.62 mm²) (AWG 3...AWG 2)
Depth
6.93 in (176.02 mm)
Width
11.96 in (303.78 mm)
*  Price is “List Price” and may be subject to a trade discount – check with your local distributor or retailer for actual price.
Jun 24, 2021
1


Similar Part No. - DTU321

ManufacturerPart #DatasheetDescription
logo
Schneider Electric
DTU322 SCHNEIDER-DTU322 Datasheet
104Kb / 2P
Safety switch, double throw, non fusible, 60A, 240 VAC/250 VDC, 3 poles, 15 hp, NEMA 1
Jun 24, 2021
DTU323 SCHNEIDER-DTU323 Datasheet
104Kb / 2P
Safety switch, double throw, non fusible, 100A, 240 VAC/250 VDC, 3 poles, 30 hp, NEMA 1
Jun 24, 2021
DTU323RB SCHNEIDER-DTU323RB Datasheet
88Kb / 2P
Safety switch, double throw, non fusible, 100A, 240 VAC/250 VDC, 3 poles, 30 hp, NEMA 3R, bolt on provision
Jun 24, 2021
DTU324N SCHNEIDER-DTU324N Datasheet
111Kb / 2P
Safety switch, double throw, non fusible, 200A, 240 VAC/250 VDC, 3 poles, 15 hp, neutral factory installed, NEMA 1
Jun 24, 2021
DTU324NRB SCHNEIDER-DTU324NRB Datasheet
94Kb / 2P
Safety switch, double throw, non fusible, 200A, 240 VAC/250 VDC, 3 poles, 15 hp, neutral, NEMA 3R, bolt on
Jun 24, 2021
More results

Similar Description - DTU321

ManufacturerPart #DatasheetDescription
logo
Schneider Electric
DTU361 SCHNEIDER-DTU361 Datasheet
102Kb / 2P
Safety switch, double throw, non fusible, 30A, 600 VAC/VDC, 3 poles, 30 hp, NEMA 1
Jun 24, 2021
DTU326 SCHNEIDER-DTU326 Datasheet
94Kb / 2P
Safety switch, double throw, non fusible, 600A, 240 VAC/250 VDC, 3 poles, 125 hp, NEMA 1
Jun 24, 2021
DTU325 SCHNEIDER-DTU325 Datasheet
84Kb / 2P
Safety switch, double throw, non fusible, 400A, 240 VAC/250 VDC, 3 poles, 125 hp, NEMA 1
Jun 24, 2021
DTU323 SCHNEIDER-DTU323 Datasheet
104Kb / 2P
Safety switch, double throw, non fusible, 100A, 240 VAC/250 VDC, 3 poles, 30 hp, NEMA 1
Jun 24, 2021
DTU322 SCHNEIDER-DTU322 Datasheet
104Kb / 2P
Safety switch, double throw, non fusible, 60A, 240 VAC/250 VDC, 3 poles, 15 hp, NEMA 1
Jun 24, 2021
DTU223 SCHNEIDER-DTU223 Datasheet
96Kb / 2P
Safety switch, double throw, non fusible, 100A, 240 VAC/250 VDC, 2 poles, 20 hp, NEMA 1
Jun 24, 2021
DTU222 SCHNEIDER-DTU222 Datasheet
100Kb / 2P
Safety switch, double throw, non fusible, 60A, 240 VAC/250 VDC, 2 poles, 10 hp, NEMA 1
Jun 24, 2021
DT323 SCHNEIDER-DT323 Datasheet
97Kb / 2P
Safety switch, double throw, fusible, 100A, 240 VAC/250 VDC, 3 poles, 30 hp, NEMA 1
Jun 24, 2021
DT322 SCHNEIDER-DT322 Datasheet
85Kb / 2P
Safety switch, double throw, fusible, 60A, 240 VAC/250 VDC, 3 poles, 15 hp, NEMA 1
Jun 24, 2021
DT321 SCHNEIDER-DT321 Datasheet
85Kb / 2P
Safety switch, double throw, fusible, 30A, 240 VAC/250 VDC, 3 poles, 7.5 hp, NEMA 1
Jun 24, 2021
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com