Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LSMT2-40051-R Datasheet(PDF) 9 Page - M-System Co.,Ltd.

Part # LSMT2-40051-R
Description  MULTI POWER TRANSDUCER
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MSYSTEM [M-System Co.,Ltd.]
Direct Link  https://www.m-system.co.jp/
Logo MSYSTEM - M-System Co.,Ltd.

LSMT2-40051-R Datasheet(HTML) 9 Page - M-System Co.,Ltd.

Back Button LSMT2-40051-R Datasheet HTML 2Page - M-System Co.,Ltd. LSMT2-40051-R Datasheet HTML 3Page - M-System Co.,Ltd. LSMT2-40051-R Datasheet HTML 4Page - M-System Co.,Ltd. LSMT2-40051-R Datasheet HTML 5Page - M-System Co.,Ltd. LSMT2-40051-R Datasheet HTML 6Page - M-System Co.,Ltd. LSMT2-40051-R Datasheet HTML 7Page - M-System Co.,Ltd. LSMT2-40051-R Datasheet HTML 8Page - M-System Co.,Ltd. LSMT2-40051-R Datasheet HTML 9Page - M-System Co.,Ltd. LSMT2-40051-R Datasheet HTML 10Page - M-System Co.,Ltd.  
Zoom Inzoom in Zoom Outzoom out
 9 / 10 page
background image
ES-1954 Rev.6
MODEL
LSMT2-4
3-PHASE / 4-WIRE CONNECTION
MODEL & SUFFIX CODE SELECTION
ORDERING INFORMATION
Specify code number and variables (e.g. LSMT2-
4150A1-M). Use Ordering Information Sheet (No.
ESU-1954-4).
The unit is configured at the factory according to the
user's specifications, however, measuring items can be
freely selected and assigned to up to 10 output chan-
nels via the front panel control switches.
The measuring items are listed below:
A = Line current
V = Line voltage
W = Watt, active power var = var, reactive power
PF = Power factor
Hz = Frequency
RATING
RANGE
0 –
100W
-100 –
+100W
110V
/ 1A
0 –
150W
-150 –
+150W
√30 – 166.6W
-166.6 – +166.6W
0 –
200W
-200 –
+200W
0 –
500W
-500 –
+500W
110V
/ 5A
0 –
750W
-750 –
+750W
√30 –
833W
-833 –
+833W
0 – 1000W
-1000 – +1000W
0 –
200W
-200 –
+200W
220V
/ 1A
0 –
300W
-200 –
+200W
√30 – 333.3W
-333.3 – +333.3W
0 –
400W
-400 –
+400W
0 – 1000W
-1000 – +1000W
220V
/ 5A
0 – 1500W
-1500 – +1500W
√30 – 1666W
-1666 – +1666W
0 – 2000W
-2000 – +2000W
0 –
350W
-350 –
+350W
380V
/ 1A
0 –
525W
-525 –
+525W
√30 –
583W
-583 –
+583W
0 –
700W
-700 –
+700W
0 – 1750W
-1750 – +1750W
380V
/ 5A
0 – 2625W
-2625 – +2625W
√30 – 2917W
-2917 – +2917W
0 – 3500W
-3500 – +3500W
•Active power
Input range and ± can be changed via the front panel.
INPUT RANGE
•Voltage
RATING
PHASE VOLTAGE
LINE VOLTAGE
110V
0 – 150V
0 – 150V
√3
√3
220V
0 – 300V
0 – 300V
√3
√3
380V
0 – 450V
0 – 450V
√3
√3
RATING
RANGE
1A
0 – 1A
5A
0 – 5A
LSMT2–4❑❑0❑❑–❑
MODEL
CONFIGURATION
4 : 3-phase / 4-wire
VOLTAGE INPUT
0 :None
1 :
110V
/ 110V AC
√3
2 :
220V
/ 220V AC
√3
4 :
380V
/ 380V AC
√3
CURRENT INPUT
0 :None
1 :1A AC
5 :5A AC
ZERO-PHASE VOLTAGE INPUT (V0)
0 :None
DC OUTPUT
Current
A :4 – 20mA DC
G :0 – 1mA DC
PULSE / NETWORK OUTPUT
1 :Watthours
M :Modbus
AUXILIARY POWER SUPPLY
AC Power
DC Power
M : 85 – 264V AC
R : 24V DC
V : 48V DC
P :110V DC
Voltage
4 :0 – 10V DC
5 :0 – 5V DC
6 :1 – 5V DC
•Current
P. 9 / 10



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com